Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310674-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 310674-3
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

310674-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  310674-3 Datasheet HTML 1Page - TE Connectivity Ltd 310674-3 Datasheet HTML 2Page - TE Connectivity Ltd 310674-3 Datasheet HTML 3Page - TE Connectivity Ltd 310674-3 Datasheet HTML 4Page - TE Connectivity Ltd 310674-3 Datasheet HTML 5Page - TE Connectivity Ltd 310674-3 Datasheet HTML 6Page - TE Connectivity Ltd 310674-3 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
408-2423
Rev B
3 of 7
Product
Wire Size
Range
(AWG)
Wire Strip Length, mm [in.]
Insulation
Color Code
Dot
Code
(Number
of Dots)
Die Assembly
Part Number
Terminal
Splice
Min
Max
Min
Max
PDIG Radiation
Resistant Terminals and
Splices
24-20
4.76
[3/16]
5.56
[7/32]
5.56
[7/32]
6.35
[1/4]
Natural with
White Stripe
2
69878
22-16
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
7.14
[9/32]
Natural with
Red Stripe
1
69872
16-14
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
7.14
[9/32]
Natural with
Blue Stripe
2
69873
12-10
7.94
[5/16]
8.73
[11/32]
6.35
[1/4]
7.14
[9/32]
Natural with
Yellow Stripe
1
69874
16-14 HD
7.94
[5/16]
8.73
[11/32]
6.35
[1/4]
7.14
[9/32]
Natural with
Black Stripe
1
69874
PIDG STRATO-THERM*
Terminals
26-24
3.97
[5/32]
4.76
[3/16]
6.35
[1/4]
7.14
[9/32]
Black
1
69935
22-20
4.76
[3/16]
5.56
[7/32]
6.35
[1/4]
7.14
[9/32]
Green
2
69936
18-16
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
7.14
[9/32]
Orange
1
69937
14
5.16
[13/64]
5.95
[15/64]
6.35
[1/4]
7.14
[9/32]
White
2
69938
PIDG FASTON*
Receptacles 641321-2
(.187 Series) and
641324-2 (.110 Series)
26-24
4.76
[3/16]
5.56
[7/32]
6.35
[1/4]
7.14
[9/32]
Yellow
1
69877-2
Figure 2 (Part 2 of 2)
PLASTI-GRIP
Butt Splice
PIDG
Butt Splice
PLASTI-GRIP
Terminal
PIDG
Terminal
PIDG FASTON
Receptacle
Color Stripe
on Radiation
Resistant
Color Stripe on 16-14
HD and Radiation
Resistant
Color Stripe
on 16-14 HD
Crimp Dot Code
Crimp Dot Code


Similar Part No. - 310674-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31067-101 MOLEX-31067-101 Datasheet
1Mb / 2P
   H-DAC 64??Single Row Connector System
31067-1010 MOLEX4-31067-1010 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?? 3 Way Receptacle Assembly, Single-Row, Polarization A
31067-1010 MOLEX11-31067-1010 Datasheet
52Kb / 1P
   2.54mm H-DAC 64?? 3 Way Receptacle Assembly, Single Row, Polarization A
31067-1011 MOLEX11-31067-1011 Datasheet
52Kb / 1P
   2.54mm H-DAC 64?? 3 Way Receptacle Assembly, Single Row, Polarization B
31067-1012 MOLEX4-31067-1012 Datasheet
423Kb / 5P
   2.54mm (.100") H-DAC 64?? 3 Way Receptacle Assembly
More results

Similar Description - 310674-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com