Electronic Components Datasheet Search |
|
C336C153J5G5HA7301 Datasheet(PDF) 3 Page - Kemet Corporation |
|
C336C153J5G5HA7301 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1049_GOLDMAX_C0G • 11/11/2016 3 Radial Leaded Multilayer Ceramic Capacitors Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 50 – 200 VDC (Commercial Grade) Dimensions – Inches (Millimeters) Shoulder Bend (Short) Shoulder Bend (Tall) Inside Kink Straight Outside Kink Snap-In Type 2 Snap-In Type 1 * May be supplied in a “Shoulder Bend” or “Straight” Lead configuration.PleaseseeCapacitanceRangeWaterfallsection ofthisdocumenttodetermineleadconfigurationavailabilityby capacitance value. L T H LL S Seating Plane F C333 L T H LL S Seating Plane F E C316 C326 C327 C336 C346 C356 L T H LL S Seating Plane F C317 C321 C322 C330* C331* C340* C350 L T H LL S Seating Plane F C318 C323 C328 L T H LL S Seating Plane F C325 C335 L T H LL S Seating Plane F E C324 L T H LL S All Others: 0.06 max (1.52 mm) F C340: 0.10 max (2.54 mm) C315 C320 C330* C331* C340* Series Style / Size S Lead Spacing ±0.030 (0.78) L Length Maximum H Height Maximum T Thickness Maximum F Lead Diameter +0.004 (0.10), −0.001 (0.025) LL Lead Length Minimum C31X 315 0.100 (2.54) 0.150 (3.81) 0.120 (3.14) 0.100 (2.54) 0.020 (0.51) 0.276 (7.00) 316 0.150 (3.81) 0.230 (5.84) 0.100 (2.54) 0.200 (5.08) C32X 324 0.200 (5.08) 0.230 (5.84) 0.125 (3.18)1 0.276 (7.00) 320 0.200 (5.08) 0.230 (5.84) 0.125 (3.18)1 0.276 (7.00) 326 0.200 (5.08) 0.300 (7.62) 0.125 (3.18)1 0.200 (5.08) C31X 317 0.200 (5.08) 0.150 (3.81) 0.200 (5.08) 0.100 (2.54) 0.276 (7.00) 318 0.150 (3.81) 0.235 (5.97) 0.100 (2.54) 0.276 (7.00) C32X 321 0.250 (6.35) 0.200 (5.08) 0.260 (6.60) 0.125 (3.18)1 0.276 (7.00) 322 0.200 (5.08) 0.200 (5.08) 0.260 (6.60) 0.125 (3.18)1 0.276 (7.00) 323 0.200 (5.08) 0.300 (7.62) 0.125 (3.18)1 0.276 (7.00) 325 0.200 (5.08) 0.300 (7.62) 0.125 (3.18)1 0.276 (7.00) 328 0.200 (5.08) 0.300 (7.62) 0.125 (3.18)1 0.276 (7.00) 327 0.200 (5.08) 0.320 (8.13) 0.125 (3.18)1 0.200 (5.08) C33X 330 0.280 (7.11) 0.360 (9.14) 0.160 (4.07) 0.276 (7.00) 331 0.250 (6.35) 0.280 (7.11) 0.360 (9.14) 0.160 (4.07) 0.276 (7.00) 333 0.200 (5.08) 0.280 (7.11) 0.400 (10.16) 0.160 (4.07) 0.276 (7.00) 335 0.280 (7.11) 0.400 (10.16) 0.160 (4.07) 0.276 (7.00) 336 0.280 (7.11) 0.400 (10.16) 0.160 (4.07) 0.200 (5.08) C34X 340 0.290 (7.36) 0.400 (10.16) 0.160 (4.07) 0.276 (7.00) 346 0.290 (7.36) 0.400 (10.16) 0.160 (4.07) 0.200 (5.08) C35X 350 0.400 (10.16) 0.330 (8.38) 0.400 (10.16) 0.200 (5.08) 0.025 (0.64) 0.276 (7.00) 356 0.330 (8.38) 0.400 (10.16) 0.200 (5.08) 0.200 (5.08) 1 Thicknessmaximum(T)=0.160"(4.07mm)forcapacitancevaluesgreaterthanorequalto4.7µF |
Similar Part No. - C336C153J5G5HA7301 |
|
Similar Description - C336C153J5G5HA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |