Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5805RHRF Datasheet(PDF) 6 Page - M.S. Kennedy Corporation

Part # 5805RHRF
Description  RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

5805RHRF Datasheet(HTML) 6 Page - M.S. Kennedy Corporation

Back Button 5805RHRF Datasheet HTML 2Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 3Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 4Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 5Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 6Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 7Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 8Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 9Page - M.S. Kennedy Corporation 5805RHRF Datasheet HTML 10Page - M.S. Kennedy Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
TYPICAL PERFORMANCE CURVES CONT'D
0
0.5
1
1.5
2
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
VIN - VOUT (V)
SOA OUTPUT CURRENT
VS. VOLTAGE DROP
125°C
100°C
75°C
0.5
0.75
1
1.25
1.5
1.75
2
1.5
2
2.5
3
3.5
4
4.5
INPUT VOLTAGE (V)
CURRENT LIMIT VS INPUT VOLTAGE
1.5V
2.5V
3.3V
RADJ = 0Ω
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.25
0.5
0.75
1
1.25
1.5
LOAD CURRENT (A)
DROPOUT VOLTAGE VS LOAD CURRENT
1.5V
2.5V
RADJ = 0Ω
0
10
20
30
40
50
60
70
80
90
100
2.5
3.5
4.5
5.5
6.5
7.5
INPUT VOLTAGE (V)
SATURATED DRIVE CURRENT
vs. INPUT VOLTAGE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
1000
RADJ (Ω)
CURRENT LIMIT VS RADJ
1.5VOUT, 2.5VIN
2.5VOUT, 3.3VIN
3.3VOUT, 5.0VIN
8548-111 Rev. F 5/15


Similar Part No. - 5805RHRF

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
5805 TEKTRONIX-5805 Datasheet
481Kb / 12P
   Series 2400 SourceMeter SMU Instruments
5805 TEKTRONIX-5805 Datasheet
2Mb / 16P
   2461-EC Graphical Potentiostat
5805 TEKTRONIX-5805 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
5805-12 TEKTRONIX-5805-12 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
Aavid, Thermal Division...
580500B00000 AAVID-580500B00000 Datasheet
92Kb / 2P
   For use with 24 PIN DIP packages
More results

Similar Description - 5805RHRF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5800RH ANAREN-MSK5800RH Datasheet
960Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5810RH ANAREN-MSK5810RH Datasheet
1Mb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5821RH ANAREN-MSK5821RH Datasheet
297Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5824RH ANAREN-MSK5824RH Datasheet
495Kb / 8P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5921RH ANAREN-MSK5921RH Datasheet
227Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5826RH ANAREN-MSK5826RH Datasheet
491Kb / 8P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5920 ANAREN-MSK5920 Datasheet
480Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5950RH ANAREN-MSK5950RH Datasheet
604Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5910RH ANAREN-MSK5910RH Datasheet
967Kb / 10P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5805RH ANAREN-MSK5805RH Datasheet
1Mb / 11P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
MSK5900RH ANAREN-MSK5900RH Datasheet
715Kb / 9P
   RAD HARD ULTRA LOW DROPOUT ADJUSTABLE POSITIVE LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com