Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFN Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # PCFN
Description  Electrical grid disconnects
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCFN Datasheet(HTML) 2 Page - TE Connectivity Ltd

  PCFN Datasheet HTML 1Page - TE Connectivity Ltd PCFN Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200 France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
Power PCB Relay PCFN Solar
© 2014 TE Connectivity Ltd. family of companies. All Rights Reserved
TE Connectivity and TE connectivity (logo) are trademarks. Other logos, product and/or company
names might be trademarks of their respective owners.
1-1773734-2 JG5 PDF 05/2014
INTELLIGENT BUILDINGS/// POWER PCB RELAY PCFN SOLAR
Product Offering
Product Code
Part Number Version
Contact arrangement
Contact material
Coil
PCFN-112H2MS
2071169-1
PCB, flux tight 1 form A (NO) contact
AgSnO
2
12 VDC
PCFN-124H2MS
2071169-2
PCB, flux tight 1 form A (NO) contact
AgSnO
2
24 VDC
Product Dimensions
PCB Layout / Terminal Assignment (Bottom view on solder pins)


Similar Part No. - PCFN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCFN MACOM-PCFN Datasheet
113Kb / 2P
   Power PCB Relay
PCFN MACOM-PCFN Datasheet
143Kb / 2P
   Power PCB Relay PCFN Solar
PCFN-106D2M MACOM-PCFN-106D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
PCFN-106D2M000 MACOM-PCFN-106D2M000 Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
PCFN-109D2M MACOM-PCFN-109D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
More results

Similar Description - PCFN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
   Switched Disconnects
logo
PANDUIT CORP.
DV10-250 PANDUIT-DV10-250 Datasheet
54Kb / 1P
   FEMALE DISCONNECTS, VINYL INSULATED
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
logo
PANDUIT CORP.
DNFR14-206FIB PANDUIT-DNFR14-206FIB Datasheet
69Kb / 1P
   RIGHT ANGLE FULLY INSULATED FEMALE DISCONNECTS
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
   Fused and non-fused HVAC disconnects
logo
Littelfuse
24025-03 LITTELFUSE-24025-03 Datasheet
352Kb / 1P
   INTERMITTENT DUTY SINGLE POLE BATTERY DISCONNECTS
2019 Rev: 020819
logo
ABB
ERG4006 ABB-ERG4006 Datasheet
81Kb / 2P
   ERGO CRIMP TOOL RZ,110 DISCONNECTS
2022
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
logo
Molex Electronics Ltd.
0640031600 MOLEX11-0640031600 Datasheet
31Kb / 1P
   Hand Crimp Tool Krimptite Quick Disconnects
64003-1500 MOLEX-64003-1500 Datasheet
519Kb / 9P
   Tool Kit for High Temperature Female Quick Disconnects
01-08-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com