Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFT-SABX25AG1SSAAMSSZ Datasheet(PDF) 3 Page - SICK AG

Part # PFT-SABX25AG1SSAAMSSZ
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PFT-SABX25AG1SSAAMSSZ Datasheet(HTML) 3 Page - SICK AG

  PFT-SABX25AG1SSAAMSSZ Datasheet HTML 1Page - SICK AG PFT-SABX25AG1SSAAMSSZ Datasheet HTML 2Page - SICK AG PFT-SABX25AG1SSAAMSSZ Datasheet HTML 3Page - SICK AG PFT-SABX25AG1SSAAMSSZ Datasheet HTML 4Page - SICK AG PFT-SABX25AG1SSAAMSSZ Datasheet HTML 5Page - SICK AG PFT-SABX25AG1SSAAMSSZ Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PFT-SABX25AG1SSAAMSSZ | PFT
PRESSURE SENSORS
Electrical safety
Dielectric strength
500 V DC, NEC Class 02 power supply (low voltage and low current max. 100 VA even in the
event of a fault)
CE-conformity
Pressure equipment directive: 97/23/EC, EMC directive: 2004/108/EC, EN 61326-2-3
Weight sensor
Approx. 200 g
Seal
Without seal
Enclosure rating
IP 67
Protection class III
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage temperature
–40 °C ... +100 °C, with flush-mounted membrane and cooling element –20 °C ... +100 °C
Shock load
Vibration load
Classifications
ECl@ss 5.0
27200614
ECl@ss 5.1.4
27200614
ECl@ss 6.0
27200614
ECl@ss 6.2
27200614
ECl@ss 7.0
27200614
ECl@ss 8.0
27200614
ECl@ss 8.1
27200614
ECl@ss 9.0
27200614
ETIM 5.0
EC002476
ETIM 6.0
EC002476
UNSPSC 16.0901
41112410
Dimensional drawing (Dimensions in mm (inch))
G ¼ A DIN 3852-E
G1/4A
DIN 3852-E
27
(1.06)
2016-08-17 15:00:09 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - PFT-SABX25AG1SSAAMSSZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
PFT-SABX25SG1SSAAMSSZ SICK-PFT-SABX25SG1SSAAMSSZ Datasheet
816Kb / 6P
   PRESSURE SENSORS
PFT-SABX25SG1SSAVMSSZ SICK-PFT-SABX25SG1SSAVMSSZ Datasheet
816Kb / 6P
   PRESSURE SENSORS
PFT-SABX25SG2SSAAMSSZ SICK-PFT-SABX25SG2SSAAMSSZ Datasheet
815Kb / 6P
   PRESSURE SENSORS
PFT-SABX25SG2SSAVMSSZ SICK-PFT-SABX25SG2SSAVMSSZ Datasheet
815Kb / 6P
   PRESSURE SENSORS
PFT-SABX25SGDSSAAMSSZ SICK-PFT-SABX25SGDSSAAMSSZ Datasheet
817Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - PFT-SABX25AG1SSAAMSSZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com