Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-1440006-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 7-1440006-0
Description  Version T7N-WG with tracking resistance CTI 325
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1440006-0 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  7-1440006-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1440006-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1440006-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
General Purpose Relays
PCB Relays
Miniature Power PCB Relay T7N/T7N-WG (Continued)
Product code
Version
Cont. material
Cont.arrangement
Coil
Part number
T7NS1D4-05
Wash tight
AgSnO2
1 form A
5VDC
6-1440006-9
T7NS1D4-06
CTI 225
1 NO contact
6VDC
7-1440006-0
T7NS1D4-09
9VDC
7-1440006-1
T7NS1D4-12
12VDC
7-1440006-2
T7NS1D4-24
24VDC
7-1440006-4
T7NS1D4-36
36VDC
7-1440006-5
T7NS1D4-48
48VDC
7-1440006-6
T7NS5D4-05
1 form C
5VDC
5-1440005-2
T7NS5D4-06
1 CO contact
6VDC
6-1440006-1
T7NS5D4-09
9VDC
6-1440006-2
T7NS5D4-12
12VDC
6-1440006-3
T7NS5D4-24
24VDC
6-1440006-5
T7NS5D4-36
36VDC
6-1440006-6
T7NS5D4-48
48VDC
6-1440006-7
T7NV1D4-05-WG
Flux proof
1 form A
5VDC
1721133-8
T7NV1D4-06-WG
CTI 325
1 NO contact
6VDC
1721133-9
T7NV1D4-09-WG
according
9VDC
1-1721133-0
T7NV1D4-12-WG
IEC 60335-1
12VDC
1-1721133-1
T7NV1D4-24-WG
24VDC
1-1721133-2
T7NV1D4-36-WG
36VDC
1-1721133-3
T7NV1D4-48-WG
48VDC
1-1721133-4
T7NV5D4-05-WG
1 form C
5VDC
1649305-8
T7NV5D4-06-WG
1 CO contact
6VDC
1649305-9
T7NV5D4-09-WG
9VDC
1-1649305-0
T7NV5D4-12-WG
12VDC
1-1649305-1
T7NV5D4-24-WG
24VDC
1-1649305-2
T7NV5D4-36-WG
36VDC
1-1649305-3
T7NV5D4-48-WG
48VDC
1-1649305-4
T7NV1D4-05-WG-A
Flux proof
1 form A
5VDC
2-1649280-0
T7NV1D4-06-WG-A
relay base
1 NO contact
6VDC
2-1649280-1
T7NV1D4-09-WG-A
CTI 325
9VDC
2-1649280-2
T7NV1D4-12-WG-A
12VDC
2-1649280-3
T7NV1D4-24-WG-A
24VDC
2-1649280-4
T7NV1D4-36-WG-A
36VDC
2-1649280-5
T7NV1D4-48-WG-A
48VDC
2-1649280-6
T7NV5D4-05-WG-A
1 form C
5VDC
1-1649324-0
T7NV5D4-06-WG-A
1 CO contact
6VDC
1-1649324-1
T7NV5D4-09-WG-A
9VDC
1-1649324-2
T7NV5D4-12-WG-A
12VDC
1-1649324-3
T7NV5D4-24-WG-A
24VDC
1-1649324-4
T7NV5D4-36-WG-A
36VDC
1-1649324-5
T7NV5D4-48-WG-A
48VDC
1-1649324-6


Similar Part No. - 7-1440006-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
7-1440006-0 TEC-7-1440006-0 Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
More results

Similar Description - 7-1440006-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T7N TEC-T7N Datasheet
466Kb / 3P
   Version T7N-WG with tracking resistance CTI 325
logo
Tyco Electronics
T7N MACOM-T7N_09 Datasheet
214Kb / 3P
   Miniature Power PCB Relay T7N / T7N-WG
logo
Asahi Kasei Microsystem...
AK2358F AKM-AK2358F Datasheet
652Kb / 26P
   Base-band LSI for Europian Cordless Telephones(CTI, CTI)
logo
National Semiconductor ...
DP8392C NSC-DP8392C Datasheet
227Kb / 12P
   CTI Coaxial Transceiver Interface
logo
Advanced Technical Mate...
180-25K-XX ATM-180-25K-XX Datasheet
77Kb / 1P
   OUTLINE, WRD180 WG-COAX ADAPTER
logo
Texas Instruments
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
logo
PHOENIX CONTACT
3241113 PHOENIX-3241113 Datasheet
53Kb / 3P
   Spiral tube - WG-S HF 40
09/12/2020
logo
Mitsubishi Electric Sem...
M5290P MITSUBISHI-M5290P Datasheet
147Kb / 5P
   -5V TRACKING REGULATOR WITH RESET CIRCUIT
logo
Renesas Technology Corp
M5290P RENESAS-M5290P Datasheet
1Mb / 6P
   5V TRACKING REGULATOR WITH RESET CIRCUIT
M5292P RENESAS-M5292P Datasheet
1Mb / 6P
   12V TRACKING REGULATOR WITH RESET CIRCUIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com