Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0640SD Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # P0640SD
Description  Excellent capability of absorbing transient surge
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

P0640SD Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  P0640SD Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd P0640SD Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd P0640SD Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd P0640SD Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd P0640SD Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PxxxxSD Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 2 / 5-
http://www.jjwdz.com
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part
Number
IDRM@VDRM
VS
@I
S
VT@ IT
IH
CO
Marking
μA
V
V
mA
V
A
mA
pF
max
max
max
max
max
min
max
P0080SD
5
6
25
800
4
2.2
50
150
P-8D
P0640SD
5
58
77
800
4
2.2
50
150
P06D
P0720SD
5
65
87
800
4
2.2
50
150
P07D
P0900SD
5
75
98
800
4
2.2
50
140
P09D
P1100SD
5
90
130
800
4
2.2
50
110
P11D
P1300SD
5
120
160
800
4
2.2
50
100
P13D
P1500SD
5
140
180
800
4
2.2
50
90
P15D
P1800SD
5
170
220
800
4
2.2
50
90
P18D
P2300SD
5
190
260
800
4
2.2
50
80
P23D
P2600SD
5
220
300
800
4
2.2
50
70
P26D
P3100SD
5
275
350
800
4
2.2
50
60
P31D
P3500SD
5
320
400
800
4
2.2
50
60
P35D
P3800SD
5
340
450
800
4
2.2
50
60
P38D
Vs is measured at 100KV/
s
② Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
SURGE RATINGS
Series
IPP (A) min
2×10us
8×20us
10×360us
10×1000us
D
1000
800
---
200
ORDERING INFORMATION


Similar Part No. - P0640SD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0640SD LITTELFUSE-P0640SD Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
P0640SD LITTELFUSE-P0640SD Datasheet
122Kb / 2P
   High Surge Current (D-rated) SIDACtor Device
P0640SDL LITTELFUSE-P0640SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P0640SDL LITTELFUSE-P0640SDL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P0640SDLRP LITTELFUSE-P0640SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
More results

Similar Description - P0640SD

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
CP1101SB JIEJIE-CP1101SB Datasheet
224Kb / 5P
   Excellent capability of absorbing transient surge
P0080BE JIEJIE-P0080BE Datasheet
223Kb / 5P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
LP1301SB LEIDITECH-LP1301SB Datasheet
497Kb / 4P
   Excellent capability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
P0080SC JIEJIE-P0080SC Datasheet
240Kb / 5P
   Excellent capability of absorbing transient surge
P0300AMBS JIEJIE-P0300AMBS Datasheet
196Kb / 4P
   Excellent capability of absorbing transient surge
P0080SA JIEJIE-P0080SA Datasheet
228Kb / 5P
   Excellent capability of absorbing transient surge
P0220A JIEJIE-P0220A Datasheet
201Kb / 4P
   Excellent capability of absorbing transient surge
logo
Shanghai Leiditech Elec...
PXXXXTA LEIDITECH-PXXXXTA Datasheet
737Kb / 5P
   Excellent capability of absorbing transient surge
logo
JIEJIE MICROELECTRONICS...
CP4200SB JIEJIE-CP4200SB Datasheet
214Kb / 5P
   Excellent capability of absorbing transient surge
P0080SB JIEJIE-P0080SB Datasheet
241Kb / 5P
   Excellent capability of absorbing transient surge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com