Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7071 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7071
Description  Step-Up Converter for 4 Series White LEDs Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7071 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7071_08 Datasheet HTML 1Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 2Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 3Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 4Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 5Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 6Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 7Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 8Page - Anpec Electronics Coropration APW7071_08 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2008
APW7071
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
Step-Up Converter for 4 Series White LEDs Driver
2.5 V to 6V Input Voltage Range
400mA Internal Switch Current
Up to 1MHz Switching Frequency
70
µA Typical No Load Quiescent Current
0.1
µA Typical Shutdown Current
Internal Soft-Start
Up to 87% Efficiency
Operating Output Capacitor Down to 0.1
µF
Over Voltage Protection Included
Lead Free and Green Devices Available
(RoHS Compliant)
Features
General Description
The APW7071 is a high frequency step-up DC/DC con-
verter in a small 6-lead SOT-23 package specially designed
to drive white LEDs with a constant current. The device
can drive up to 4 LEDs in series from one Li-Ion cell. The
APW7071 is ideal for LCD panels requiring low current
and high efficiency as well as white LED applications for
cellular phone back-lighting.
Applications
Cellar Phones White LED Back Light
PDAs, Handheld Computers
Digital Still Cameras
MP3 Players
GPS Receivers
Pin Configuration
Ordering and Marking Information
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
SOT-23-6 (Top View)
SW
GND
V IN
SHDN
FB
1
2
3
4
5
OVP
6
APW7071
Package Code
C : SOT-23-6
Operating Ambient Temperature Range
I : -40 to 85oC
Handling Code
TR : Tape & Reel
Assembly Material
L : Lead Free Device
G : Halogen and Lead Free Device
Handling Code
Temperature Range
Package Code
APW7071C :
W71X
X - Date Code
Assembly Material


Similar Part No. - APW7071_08

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7071CE-TR ANPEC-APW7071CE-TR Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TRL ANPEC-APW7071CE-TRL Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TU ANPEC-APW7071CE-TU Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
APW7071CE-TUL ANPEC-APW7071CE-TUL Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
More results

Similar Description - APW7071_08

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
   Step Up Converter for White LED Driver
logo
Advanced Analogic Techn...
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215 Datasheet
350Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Marktech Corporate
TB62756FUG MARKTECH-TB62756FUG Datasheet
383Kb / 14P
   Step-up Type DC/DC Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com