Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L00 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS35L00
Description  2.8 W Mono Class-D Audio Amplifier with Low Idle Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L00 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS35L00_11 Datasheet HTML 5Page - Cirrus Logic CS35L00_11 Datasheet HTML 6Page - Cirrus Logic CS35L00_11 Datasheet HTML 7Page - Cirrus Logic CS35L00_11 Datasheet HTML 8Page - Cirrus Logic CS35L00_11 Datasheet HTML 9Page - Cirrus Logic CS35L00_11 Datasheet HTML 10Page - Cirrus Logic CS35L00_11 Datasheet HTML 11Page - Cirrus Logic CS35L00_11 Datasheet HTML 12Page - Cirrus Logic CS35L00_11 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CS35L00
DS906PP1
9
ELECTRICAL CHARACTERISTICS - ALL OPERATIONAL MODES
Note:
6. No external loads should be connected to the LFILT+ net. Any connection of a load to this point may
result in errant operation or performance degradation in the device.
7. When VBATT is below this threshold (VBLIM), operation is automatically restricted to SD mode.
8. When operating in HD or FHD mode and the differential input voltage remains below the input level
threshold (VIN-LDO) for a period of time (tLDO), the PWM outputs will be powered by the internally
generated LDO supply (VLDO).
9. When operating in HD or FHD mode and the differential input voltage is above this input level
threshold (VIN-VBATT), the PWM outputs will be powered directly from the VBATT supply.
10. Refer to Section 5.5 for more information on Thermal Error functionality.
11. Under Voltage Lockout is the threshold at which a decreasing VBATT supply will disable device
operation.
Parameters
Symbol
Test Conditions
Min
Typ
Max Units
Max. Current from LFILT+
(Note 6)
ILFILT+
-10
-
μA
LFILT+ Output Impedance
ZLFILT+
-0.7
-
Ω
VBATT Limit for HD/FHD Mode
(Note 7)
VBLIM
-3.0
-
VDC
Input Level for Entering LDO Operation in
HD/FHD Modes
(Note 8)
VIN-LDO
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
0.015•VBATT
0.029•VBATT
-
-
Vrms
Vrms
Input Level for Entering VBATT Operation in
HD/FHD Modes
(Note 9)
VIN-VBATT
GAIN_SEL = Low (12 dB)
GAIN_SEL = High (6 dB)
-
-
0.10
0.20
-
-
Vrms
Vrms
LDO Entry Time Delay
tLDO
-
1200
-
ms
LDO Level for HD/FHD Modes
VLDO
-
1.0
-
V
Output Offset Voltage
VOFFSET Inputs AC coupled to GND
-+/-2
-
mV
Amplifier Gain
AV
GAIN_SEL = Low
GAIN_SEL = High
-
-
12
6
-
-
dB
dB
Shutdown Supply Current
IA(SD)
SD = Low
-0.05
-
μA
MOSFET On Resistance
RDS(ON) Ibias = 0.5 A
-350
-
m
Ω
Thermal Error Threshold
(Note 10)
TTE
-150
-
°C
Thermal Error Retry Time
(Note 10)
RTE
-
1200
-
ms
Under Voltage Lockout Threshold (Note 10)
UVLO
-
2.0
-
V
Operating Efficiency
η
Output Levels at 10% THD+N
VBATT = 5 VDC
-
90
-
%
VBATT = 3.7 VDC
-
89
-
%
VBATT = 5 VDC
-
84
-
%
VBATT = 3.7 VDC
-
83
-
%


Similar Part No. - CS35L00_11

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00-CNZ CIRRUS-CS35L00-CNZ Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00-CNZR CIRRUS-CS35L00-CNZR Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
More results

Similar Description - CS35L00_11

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Analog Devices
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
Eutech Microelectronics...
EUA2036 EUTECH-EUA2036 Datasheet
155Kb / 1P
   Low EMI, 2.8-W Mono Filterless Class-D Audio Power Amplifier with Auto-Recovery
logo
Texas Instruments
TAS2553 TI-TAS2553_15 Datasheet
1Mb / 58P
[Old version datasheet]   TAS2553 2.8-W Class-D Mono Audio Amplifier with Class-G Boost and Speaker Sense
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
SA58672 PHILIPS-SA58672_15 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
logo
Analog Devices
SSM4321 AD-SSM4321 Datasheet
459Kb / 24P
   Mono 2.9 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com