Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68137IRAZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68137IRAZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL68137IRAZ Datasheet HTML 4Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 5Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 6Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 7Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 8Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 9Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 10Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 11Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ISL68134
8
FN8817.0
September 28, 2016
Submit Document Feedback
Typical Application: 2+2 Configuration with DCR Sensing
FIGURE 4. TYPICAL APPLICATION: 2+2 CONFIGURATION WITH DCR SENSING
VCC
VCCS
TMON0
RGND0
VSEN 0
SALRT
SDA
SCL
4.7µF
PWM0
CSRTN0
CS0
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
TMON1
RGND1
VSEN 1
ISL68134
PG0
EN0
PG1
EN1
1k
1k
VINSEN
10nF
10k
40.1k
TWARN
CONFIG
SA
12V
3.3V
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
ISL99140
GND
VOUT1
COUT
VOUT0
COUT
AVS_VDDIO
AVS_MDA
AVS_SDA
AVS_CLK


Similar Part No. - ISL68137IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68137IRAZ INTERSIL-ISL68137IRAZ Datasheet
965Kb / 53P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
September 27, 2016
logo
Renesas Technology Corp
ISL68137IRAZ RENESAS-ISL68137IRAZ Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
More results

Similar Description - ISL68137IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
   Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
ISL69128 RENESAS-ISL69128 Datasheet
180Kb / 2P
   Digital Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
Jan 12, 2018
ISL69158 RENESAS-ISL69158 Datasheet
236Kb / 2P
   Digital Dual Output, 7-Phase Configurable, VR13/VR13.HC/IMVP8 PWM Controller
ISL68147 RENESAS-ISL68147 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
   Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
   Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
   Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com