Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68137IRAZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL68137IRAZ
Description  Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling (AVSBus) Bus
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL68137IRAZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL68137IRAZ Datasheet HTML 6Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 7Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 8Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 9Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 10Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 11Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 12Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 13Page - Intersil Corporation ISL68137IRAZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
ISL68137
10
FN8757.0
September 27, 2016
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.3V
VCCS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to VCC + 0.3V
ESD Rating:
Human Body Model (Tested per JS-001-2014) . . . . . . . . . . . . . . . . . . 2kV
Charged Device Model (Tested per JS-002-2014) . . . . . . . . . . . . . . . 1kV
Latch-Up (Tested per JESD-78D; Class 2, Level A) . . . . . . . . . . . . . . 100mA
Thermal Resistance (Notes 4, 5)
JA (°C/W) JC (°C/W)
48 Ld 6x6 QFN Package . . . . . . . . . . . . . . .
27
1
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V ±5%
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3.05V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Recommended operating conditions, VCC = 3.3V, unless otherwise specified. Boldface limits apply across the
operating temperature range -40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 7)TYP
MAX
(Note 7)UNIT
VCC SUPPLY CURRENT
Nominal Supply Current
VCC = 3.3VDC; EN1/2 = VIH, fSW = 400kHz
90.5
mA
Shutdown Supply Current
VCC = 3.3VDC; EN1/2 = 0V, no switching
11.4
mA
VCCS LDO SUPPLY
Output Voltage
1.20
1.25
1.30
V
Maximum Current Capability
Excluding internal load
50
mA
POWER-ON RESET AND INPUT VOLTAGE LOCKOUT
VCC Rising POR Threshold
2.7
2.9
V
VCC Falling POR Threshold
1.0
V
Enable (EN0 and EN1) Input Threshold
2.3
V
Enable (EN0 and EN1) LOW to HIGH Ramp Delay
(TON_DELAY)
200
µs
POR to Initialization Complete Time
30
40
ms
OUTPUT VOLTAGE CHARACTERISTICS (Note 6)
Output Voltage Adjustment Range
0.25
3.05
V
Output Voltage Set-Point Accuracy
Set-point 0.8V to 3.05V
-0.5
0.5
%
Set-point 0.25V to <0.8V
-5
5
mV
VOLTAGE SENSE AMPLIFIER
Open Sense Current
Only during open pin check of initialization
22
µA
Input Impedance (VSEN - RGND)
200
Maximum Common-Mode Input
VCC - 0.2
V
Maximum Differential Input (VSEN - RGND)
3.05
V
CURRENT SENSE AND OVERCURRENT PROTECTION
Maximum Common-Mode Input (SPS mode)
CSRTNx - GND
1.6
V
Maximum Common-Mode Input (DCR mode)
CSRTNx - GND
3.3
V
Current Sense Accuracy
ISEN to ADC accuracy
-2
2
%


Similar Part No. - ISL68137IRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL68137IRAZ INTERSIL-ISL68137IRAZ Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL68137IRAZ RENESAS-ISL68137IRAZ Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
More results

Similar Description - ISL68137IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68137 RENESAS-ISL68137 Datasheet
1Mb / 54P
   Digital Dual Output, 7-Phase Configurable PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
RAA228227 RENESAS-RAA228227 Datasheet
155Kb / 2P
   Digital Dual Output, 16-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Oct.6.20
RAA228218 RENESAS-RAA228218 Datasheet
191Kb / 2P
   Digital Single Output, 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
Jan.13.22
RAA228228 RENESAS-RAA228228 Datasheet
219Kb / 5P
   Digital Double Output 20-Phase PWM Controller with Adaptive Voltage Scaling Bus (AVSBus)
May 17, 2021
ISL68134 RENESAS-ISL68134 Datasheet
1Mb / 50P
   Digital Dual Output, 4-Phase Configurable, PWM Controller with Adaptive Voltage Scaling Bus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
   Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
logo
Intersil Corporation
ISL68134 INTERSIL-ISL68134_16 Datasheet
880Kb / 50P
   Digital Dual Output, 7-Phase Configurable PWM
logo
Renesas Technology Corp
ISL69138 RENESAS-ISL69138 Datasheet
242Kb / 2P
   Digital, Dual Output, 7-Phase Configurable, VR13/IMVP8 PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com