Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD122 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD122 Datasheet HTML 1Page - ON Semiconductor MJD122 Datasheet HTML 2Page - ON Semiconductor MJD122 Datasheet HTML 3Page - ON Semiconductor MJD122 Datasheet HTML 4Page - ON Semiconductor MJD122 Datasheet HTML 5Page - ON Semiconductor MJD122 Datasheet HTML 6Page - ON Semiconductor MJD122 Datasheet HTML 7Page - ON Semiconductor MJD122 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD122, NJVMJD122 (NPN), MJD127, NJVMJD127 (PNP)
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 30 mAdc, IB = 0)
VCEO(sus)
100
Vdc
Collector Cutoff Current
(VCE = 50 Vdc, IB = 0)
ICEO
10
mAdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
10
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
2
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 4 Adc, VCE = 4 Vdc)
(IC = 8 Adc, VCE = 4 Vdc)
hFE
1000
100
12,000
Collector−Emitter Saturation Voltage
(IC = 4 Adc, IB = 16 mAdc)
(IC = 8 Adc, IB = 80 mAdc)
VCE(sat)
2
4
Vdc
Base−Emitter Saturation Voltage (Note 2)
(IC = 8 Adc, IB = 80 mAdc)
VBE(sat)
4.5
Vdc
Base−Emitter On Voltage
(IC = 4 Adc, VCE = 4 Vdc)
VBE(on)
2.8
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain−Bandwidth Product
(IC = 3 Adc, VCE = 4 Vdc, f = 1 MHz)
|hfe|
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJD127, NJVMJD127
MJD122, NJVMJD122
Cob
300
200
pF
Small−Signal Current Gain
(IC = 3 Adc, VCE = 4 Vdc, f = 1 kHz)
hfe
300
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
Figure 1. Power Derating
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
2.5
0
2
1.5
1
0.5
TA TC
TA
SURFACE
MOUNT
TC


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
   SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
Inchange Semiconductor ...
MJD122 ISC-MJD122 Datasheet
246Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
   Complementary Darlington Power Transistors
1995 REV 1
logo
Jiangsu Changjiang Elec...
MJD122 JIANGSU-MJD122 Datasheet
1Mb / 3P
   TRANSISTOR(NPN)
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
   Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
   Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
   Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
   Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
   Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
   DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com