Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5725DNBL9-M3T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-5725DNBL9-M3T1U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5725DNBL9-M3T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-5725DNBL9-M3T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5725DNBL9-M3T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5725 Series
Rev.2.5_01
8
Absolute Maximum Ratings
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
Input voltage
VCE
VSS
− 0.3 to VDD + 0.3
V
Output current
IOUT
±2.0
mA
Output voltage
Nch open-drain output product
VOUT
VSS
− 0.3 to VSS + 7.0
V
CMOS output product
VSS
− 0.3 to VDD + 0.3
V
Power dissipation
SOT-23-3
PD
430*1
mW
SNT-4A
300*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
Ambient Temperature (Ta) [
°C]
0
50
100
150
0
400
600
200
SNT-4A
SOT-23-3
Figure 7 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-5725DNBL9-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725DNBL1-M3T1U SII-S-5725DNBL1-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-5725DNBL9-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1 SII-S-57M1 Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com