Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1740A10-A6T2U4 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1740A10-A6T2U4
Description  POWER MONITORING OUTPUT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1740A10-A6T2U4 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1740A10-A6T2U4 Datasheet HTML 1Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 2Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1740A10-A6T2U4 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5
μA SUPER LOW CURRENT CONSUMPTION
S-1740/1741 Series
Rev.1.1_00
4
Product Name Structure
Users can select power monitor block output voltage, product type, regulator block output voltage, and package type
for the S-1740/1741 Series. Refer to "1. Product name" regarding the contents of product name, "2. Function list
of product type" regarding the product type, "3. Packages" regarding the package drawings and "4. Product
name list" for details of product names.
1. Product name
S-174x x xx - xxxx U 4
Product type
*4
A, C, G
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
A6T2: HSNT-6(1212), Tape
A4T2: HSNT-4(1010), Tape
*2
Regulator block output voltage
*3
10 to 35
(e.g., when the output voltage is 1.0 V, it is expressed as 10.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Power monitor block output voltage
*4
0: VIN/2
1: VIN/3
*1.
Refer to the tape drawing.
*2.
Only S-1740/1741 Series G type
*2.
Contact our sales office when the product which has 0.05 V step is necessary.
*3.
Refer to "2. Function list of product type" and "2. 2 PMEN pin" in "2. Power monitor block" in
" Operation".
2. Function list of product type
Table 1
Product Type
Output Voltage (VPMOUT)
PMEN Pin Logic
Package
S-1740 Series A type
VIN/2
Active "H"
HSNT-6(1212),
SOT-23-5
S-1740 Series C type
Active "L"
S-1740 Series G type
Without PMEN pin
HSNT-4(1010)
S-1741 Series A type
VIN/3
Active "H"
HSNT-6(1212),
SOT-23-5
S-1741 Series C type
Active "L"
S-1741 Series G type
Without PMEN pin
HSNT-4(1010)
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
HSNT-6(1212)
PM006-A-P-SD
PM006-A-C-SD
PM006-A-R-SD
PM006-A-L-SD
HSNT-4(1010)
PL004-A-P-SD
PL004-A-C-SD
PL004-A-R-SD
PL004-A-L-SD


Similar Part No. - S-1740A10-A6T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1740A10-A6T2U4 SII-S-1740A10-A6T2U4 Datasheet
3Mb / 47P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.5 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1740A10-A6T2U4 ABLIC-S-1740A10-A6T2U4 Datasheet
1Mb / 47P
   5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00
More results

Similar Description - S-1740A10-A6T2U4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Allegro MicroSystems
ACS37800 ALLEGRO-ACS37800 Datasheet
3Mb / 41P
   Isolated, Digital Output, Power Monitoring IC
logo
Intersil Corporation
ISL6617AFRZ INTERSIL-ISL6617AFRZ Datasheet
490Kb / 15P
   PWM Doubler with Output Monitoring Feature
December 19, 2014
logo
Renesas Technology Corp
ISL6617A RENESAS-ISL6617A Datasheet
848Kb / 16P
   PWM Doubler with Output Monitoring Feature
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
List of Unclassifed Man...
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
logo
Maxim Integrated Produc...
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
logo
Texas Instruments
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com