Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGBR20L45CG-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TGBR20L45CG-TA3-T
Description  Low forward voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TGBR20L45CG-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TGBR20L45CG-TA3-T Datasheet HTML 1Page - Unisonic Technologies TGBR20L45CG-TA3-T Datasheet HTML 2Page - Unisonic Technologies TGBR20L45CG-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TGBR20L45C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R232-026.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
Per Leg
10
A
Average Rectified Forward Current
(Rated VR-20KHz Square Wave) –
50% duty cycle
Total
IO
20
A
Peak Forward Surge Current - 1/2 60Hz
IFSM
150
A
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
2
Typical Thermal Resistance
TO-220F/TO-220F3
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
45
V
IF=10A, TJ=25°C
0.64
V
Instantaneous Forward Voltage
VFM
IF=10A, TJ=125°C
0.57
V
VR=45V, TJ=25°C
500
μA
Instantaneous Reverse Current
IRM
VR=45V, TJ=125°C
100
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - TGBR20L45CG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR20L45 UTC-TGBR20L45 Datasheet
132Kb / 3P
   TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20L45G-TA3-T UTC-TGBR20L45G-TA3-T Datasheet
132Kb / 3P
   TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20L45G-TF3-T UTC-TGBR20L45G-TF3-T Datasheet
132Kb / 3P
   TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20L45G-TF3T-T UTC-TGBR20L45G-TF3T-T Datasheet
132Kb / 3P
   TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20L45L-TA3-T UTC-TGBR20L45L-TA3-T Datasheet
132Kb / 3P
   TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - TGBR20L45CG-TA3-T

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
   Low forward voltage
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
   low forward voltage
logo
Mospec Semiconductor
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
   Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
   Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com