Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4663MT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4663MT
Description  2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4663MT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4663MT Datasheet HTML 2Page - National Semiconductor (TI) LM4663MT Datasheet HTML 3Page - National Semiconductor (TI) LM4663MT Datasheet HTML 4Page - National Semiconductor (TI) LM4663MT Datasheet HTML 5Page - National Semiconductor (TI) LM4663MT Datasheet HTML 6Page - National Semiconductor (TI) LM4663MT Datasheet HTML 7Page - National Semiconductor (TI) LM4663MT Datasheet HTML 8Page - National Semiconductor (TI) LM4663MT Datasheet HTML 9Page - National Semiconductor (TI) LM4663MT Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Applications Information (Continued)
Bypass Pin Capacitor
In order to achieve the largest unclipped output voltage
swing, a DC reference voltage for the circuit is derived inter-
nally by a resistor divider from the power supply voltage. To
reduce sensitivity to audio frequency variations on the refer-
ence voltage, a de-coupling capacitor is recommended be-
tween the BYPASS pin and the best available AC ground ref-
erence. This is typically the shield connection from the signal
source. A poor choice is the power ground because consid-
erable current flows from the LM4663 through pins 4,8,17,
and 21 to the power supply return. This current is rich in har-
monic frequencies related to the input audio frequency.
These harmonics can easily couple into the signal path by
sharing power ground conductors with the bypass capacitor
connection. The result is increased THD.
Minimum Load Resistance
As specified in the Absolute Maximum Ratings, the minimum
load resistance supported by the LM4663 at the output of the
filters is 2.5 Ohms. Loads (usually loudspeakers) should be
tested over the audio band to determine whether or not there
are resonant points of diminshed impedance less than this
limit.
Output Filter Components
Table 2 shows suggested standard values of the capacitor
(C) and the inductor (L) used in Figure 1’s output filter for 4
and 8
Ω loads. The bandwidth for each case is typically
18kHz.
TABLE 2. Output filter component values for different
load resistance.
Load Resistance (
Ω) Capacitor C (µF) Inductor L (µH)
42
22
81
44
Short Circuit Tolerance
The LM4663, when used in the recommended application
circuit, is tolerant of limited duration short circuit connections
between the filtered positive and negative outputs. Shorts
from either output to ground or supply voltage, or from the
unfiltered outputs to any other low impedance node can re-
sult in permanent damage to the IC.
Start-up Current
The LM4663 exhibits abnormally high quiescent current
drain when the supply voltage is below the specified operat-
ing range of 4.5 to 5.5V. It is, therefore, recommended that
the IC be initially powered up in the shutdown mode (SD =
V
DD). Normal application of power from laboratory bench
supplies is not usually a problem unless the current limit of
the supply is set too low (<1A); however, some applications
have a much lower current capability (such as USB applica-
tions). In these cases power must be applied with shutdown
asserted and switched to the operating mode after power is
present and settled. An external circuit that provides this
condition automatically is given in Figure 2, and is recom-
mended for those current-critical applications.
Printed Circuit Board Layout
Figures 3 through 7 show the layout of a recommended
four-layer PC board that is optimized for the LM4663 and as-
sociated external components. This layout emphasizes short
connections between the power reservoir capacitors near
the power amp outputs and their associated pins. Short con-
nections reduce inductance and EMI radiation from the out-
put switching currents. Also, the distance from the switching
outputs to the filter inductors is similarly minimized to reduce
radiated noise. Table 4 is the recommended circuit’s
bill-of-materials (BOM). Figure 8 is a photograph of the rec-
ommended four-layer PC board.
The board is designed for use with an external 5V supply, 4
speakers, and 32
Ω headphones. Apply the supply voltage to
the V
DD pad and ground to the GND pad. Connect the left
channel speaker between the Lout+ and Lout− pads and the
right channel speaker between the Rout+ and Rout− pads.
Connect the left and right headphone speakers to the HPL
and HPR pads, respectively. The board has two sets of HPL
and HPR pads. Use the set found across the top edge for a
headphone jack like that shown in Figure 1. The other set
found along the right edge can be used for a three terminal
headphone jack. Ensure that a speaker’s + terminal is con-
nected to an amplifier’s + output. This preserves the phase
relationship between the left and right channels.
The board accepts two stereo inputs. Apply channel 1’s right
and left input signals to the Rin1 and Lin1 pads, respectively.
Apply channel 2’s right and left input signals to the Rin2 and
Lin2 pads, respectively.
The board’s bottom edge has seven jumpers. From left to
right, these jumpers select micropower shutdown, input
channel, headphone amplifier, Class D amplifier, and head-
phone amplifier when plugging in headphones. Table 3 is a
guide for selecting the various functions.
TABLE 3. These are the functions selected by the
jumpers on the recommended PC board.
Jumper
Function
SD-L
Shorting selects normal operation.
SD-H Jumper is open.
SD-H
Shorting activates shutdown:
micropower operation.
SD-L Jumper is open.
INSEL-L
Shorting selects stereo input 1.
INSEL-H Jumper is open.
INSEL-H
Shorting selects stereo input 2.
INSEL-L Jumper is open.
Class AB
Shorting activates the headphone
amplifier and deactivates the Class D
amplifier. Class D and HP jack
jumpers are open
Class D
Shorting activates the Class D amplifier
and deactivates the headphone
amplifier. Class AB and HP jack
jumpers are open
HP Jack
Shorting allows the act of plugging in
headphones to activate the headphone
amplifier and deactivate the Class D
amplifier. Removing headphones
restores Class D amplifier operation and
deactivates the headphone amplifier.
Class AB and Class D jumpers are
open. (Requires the use of a headphone
jack like that shown in Figure 1.)
www.national.com
6


Similar Part No. - LM4663MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
[Old version datasheet]   LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
logo
National Semiconductor ...
LM4665ITL NSC-LM4665ITL Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
logo
Rochester Electronics
LM4665ITL ROCHESTER-LM4665ITL Datasheet
609Kb / 1P
   NATIONAL?셎 AUDIO AMPLIFIER now featuring RoHS compliancy Audio Amplifier
More results

Similar Description - LM4663MT

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
   16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
logo
National Semiconductor ...
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4 Datasheet
412Kb / 24P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
National Semiconductor ...
LM4681 NSC-LM4681 Datasheet
960Kb / 19P
   10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and I2C/SPI Volume Control
logo
Texas Instruments
TPA2000D4 TI-TPA2000D4_07 Datasheet
643Kb / 27P
[Old version datasheet]   STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER
logo
Maxim Integrated Produc...
MAX9702 MAXIM-MAX9702 Datasheet
1Mb / 32P
   1.8W, Filterless, Stereo, Class D Audio Power Amplifier and DirectDrive Stereo Headphone Amplifier
Rev 0; 6/05
logo
National Semiconductor ...
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
List of Unclassifed Man...
PAM8202 ETC1-PAM8202 Datasheet
287Kb / 8P
   Tiny Package 2 Watt Class-D Stereo Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com