Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C01ADPA-TB11-1A Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-24C01ADPA-TB11-1A
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01ADPA-TB11-1A Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-24C01ADPA-TB11-1A Datasheet HTML 1Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 2Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 3Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 4Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 5Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 6Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 7Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 8Page - Seiko Instruments Inc S-24C01ADPA-TB11-1A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Rev. 2.2_30
Seiko Instruments Inc.
1
The S-24C0XA is a series of 2-wired, low power 1K/2K/4K-bit EEPROMs
with a wide operating range. They are organized as 128-word
× 8-bit,
256-word
× 8-bit, and 512-word × 8-bit, respectively. Each is capable of
page write, and sequential read.
The time for byte write and page write is the same, i. e., 1 msec. (max.)
during operation at 5 V
± 10%.
Package
8-pin DIP
(PKG drawing code : DP008-A,DP008-C)
8-pin SOP
(PKG drawing code : FJ008-D,FJ008-E)
Pin Assignment
Figure 1
Pin Functions
Pin Number
Name
DIP
SOP
Function
A0
11
Address input (no connection in the S-24C04A*)
A1
22
Address input
A2
33
Address input
GND
44
Ground
SDA
55
Serial data input/output
SCL
66
Serial clock input
TEST/WP
77
TEST pin (S-24C01A): Connected to GND.
WP (Write Protection) pin (S-24C02A, S-24C04A):
* Connected to Vcc:
Protection valid
* Connected to GND: Protection invalid
VCC
88
Power supply
CMOS 2-WIRE SERIAL EEPROM
S-24C01A/02A/04A
Endurance:
106 cycles/word
Data retention:
10 years
Write protection:
S-24C02A, S-24C04A
S-24C01A:
1 kbits
S-24C02A:
2 kbits
S-24C04A:
4 kbits
Features
Low power consumption
Standby: 1.0 µA Max.
(V
CC=5.5 V)
Operating: 0.4 mA Max.
(V
CC=5.5 V)
0.3 mA Max.
(V
CC=3.3 V)
Wide operating voltage range
Write:
2.5 to 5.5 V
Read:
1.8 to 5.5 V
Page write
8 bytes (S-24C01A, S-24C02A)
16 bytes (S-24C04A)
8-pin DIP
Top view
VCC
GND
SCL
A1
A2
SDA
A0
1
2
3
4
5
6
7
8
TEST/WP
8-pin SOP
Top view
A0
A1
A2
GND
6
5
8
7
3
4
1
2
TEST/WP
VCC
SCL
SDA
S-24C01ADPx-uu
S-24C02ADPx-uu
S-24C04ADPx-uu
S-24C01AFJA-zz-uuw
S-24C02AFJA-zz-uuw
S-24C04AFJA-zz-uuw
* Lower-case letters x, uu, zz and w differ
depending on the packing form.
See
Ordering Information and
Dimensions.
* When in use, connect to
GND or Vcc.
Table 1


Similar Part No. - S-24C01ADPA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C01ADP SII-S-24C01ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C01ADPA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com