Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C04ADPA-TB11-1A Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-24C04ADPA-TB11-1A
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C04ADPA-TB11-1A Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-24C04ADPA-TB11-1A Datasheet HTML 5Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 6Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 7Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 8Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 9Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 10Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 11Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 12Page - Seiko Instruments Inc S-24C04ADPA-TB11-1A Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
9
6. Write
6.1 Byte Write
When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code
"0," following the start condition signal, it outputs the acknowledgment signal. Next, when the
EEPROM receives an 8-bit length word address, it outputs the acknowledgment signal.
After the EEPROM receives 8-bit write data and outputs the acknowledgment signal, it receives the
stop condition signal. Next, the EEPROM at the specified memory address starts to rewrite.
When the EEPROM is rewriting, all operations are prohibited and the acknowledgment signal is not
output.
6.2 Page Write
Up to 8 bytes per page can be written in the S-24C01A and S-24C02A.
Up to 16 bytes per page can be written in the S-24C04A.
Basic data transmission procedures are the same as those in the "Byte Write." However, when the
EEPROM receives 8-bit write data which corresponds to the page size, the page can be written.
When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code
"0," following the start condition signal, it outputs the acknowledgment signal. When the EEPROM
receives an 8-bit length word address, it outputs the acknowledgment signal.
After the EEPROM receives 8-bit write data and outputs the acknowledgment signal, it receives 8-
bit write data corresponding to the next word address, and outputs the acknowledgment signal. The
EEPROM repeats reception of 8-bit write data and output of the acknowledgment signal in
succession. It is capable of receiving write data corresponding to the maximum page size.
When the EEPROM receives the stop condition signal, it starts to rewrite, corresponding to the size
of the page, on which write data, starting from the specified memory address, is received.
Figure 10 Byte Write
S
T
A
R
T
1 0 1 0
W
R
I
T
E
S
T
O
P
DEVICE
ADDRES
WORD ADDRESS
DATA
R
/
W
M
S
B
SDA
ADR INC (ADDRESS INCREMENT)
A2 A1 A0
W7W6W5W4W3W2W1W0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
L
S
B
A
C
K
A
C
K
0
W7 is optional in the S-24C01A.
A0 is P0 in the S-24C04A.


Similar Part No. - S-24C04ADPA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C04ADP SII-S-24C04ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C04ADPA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com