Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C01AFJA-TB11-1A Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-24C01AFJA-TB11-1A
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01AFJA-TB11-1A Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-24C01AFJA-TB11-1A Datasheet HTML 1Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 2Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 3Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 4Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 5Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 6Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 7Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 8Page - Seiko Instruments Inc S-24C01AFJA-TB11-1A Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
5
AC Electrical Characteristics
Table 9
VCC=1.8V to 5.5V
Parameter
Symbol
Min.
Typ.
Max.
Unit
SCL clock frequency
fSCL
0
100
kHz
SCL clock time "L"
tLOW
4.7
——
µs
SCL clock time"H"
tHIGH
4.0
——
µs
SDA output delay time
tAA
0.3
3.5
µs
SDA output hold time
tDH
0.3
——
µs
Start condition setup time
tSU.STA
4.7
——
µs
Start condition hold time
tHD.STA
4.0
——
µs
Data input setup time
tSU.DAT
50
——
ns
Data input hold time
tHD.DAT
0
——
ns
Stop condition setup time
tSU.STO
4.7
——
µs
SCL
· SDA rising time
tR
——
1.0
µs
SCL
· SDA falling time
tF
——
0.3
µs
Bus release time
tBUF
4.7
——
µs
Noise suppression time
tI
——
100
ns
Input pulse voltage
0.1
×VCC to 0.9×VCC
Input pulse rising/falling time
20 ns
Output judgment voltage
0.5
×VCC
Output load
100 pF+ Pullup resistance 1.0 k
Table 8 Measurement Conditions
VCC
R=1.0k
SDA
C=100pF
Figure 3 Output Load Circuit
Figure 4 Bus Timing
SCL
SDA IN
SDA OUT
tBUF
tR
tSU.STO
tSU.DAT
tHD.DAT
tDH
tAA
tHIGH
tLOW
tHD.STA
tSU.STA
tF
invalid
valid


Similar Part No. - S-24C01AFJA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C01ADP SII-S-24C01ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C01AFJA-TB11-1A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com