Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21028--3 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 21028--3
Description  2 mm Common Termination Head Assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

21028--3 Datasheet(HTML) 6 Page - TE Connectivity Ltd

  21028--3 Datasheet HTML 1Page - TE Connectivity Ltd 21028--3 Datasheet HTML 2Page - TE Connectivity Ltd 21028--3 Datasheet HTML 3Page - TE Connectivity Ltd 21028--3 Datasheet HTML 4Page - TE Connectivity Ltd 21028--3 Datasheet HTML 5Page - TE Connectivity Ltd 21028--3 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
408- 9426
Rev E
6
of 6
REPLACEMENT PARTS
ITEM
PART NUMBER
DESCRIPTION
QTY PER
ASSEMBLY
12
3--21028--2
PIN, Slotted Spring
2
13
314063--1
PAWL, Feed
1
14
21028--3
PIN, Slotted Spring
1
15
4--22487--0
SPRING, Extension
1
16
21028--6
PIN, Slotted Spring
1
17
2--21008--1
SCREW, Set, 4--40¢.25 in. L
1
18
1--21919--2
PIN, Dowel
2
19
314064--1
ARM, Feed
1
20
1--22278--2
SPRING, Compression
1
21
312148--6
ROD, Inserter
1
22
314068--1
INSERTER, Wire
1
23
1--21000--7
SCREW, Socket Head Cap, 4--40¢.75 in. L
2
24
314060--1
GUIDE, Wire
1
25
5--22488--6
SPRING, Compression
1
26
312149--1
ADJUSTER, Rod Inserter
1
27
314059--1
BASE
1
Figure 7 (End)


Similar Part No. - 21028--3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
21028--2 MACOM-21028--2 Datasheet
112Kb / 5P
   Double Action Hand Tool
logo
TE Connectivity Ltd
21028--4 TEC-21028--4 Datasheet
174Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
21028--6 TEC-21028--6 Datasheet
210Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use ofmanually powered hand tools.
More results

Similar Description - 21028--3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4070 MACOM-408-4070 Datasheet
273Kb / 5P
   Pneumatic Head Assembly
logo
Samtec, Inc
2SN-BK-G SAMTEC-2SN-BK-G Datasheet
46Kb / 1P
   2 mm C.L. SHUNT ASSEMBLY
logo
Tyco Electronics
408-4260 MACOM-408-4260 Datasheet
155Kb / 7P
   Mass Termination Assembly
logo
TE Connectivity Ltd
408-7994 TEC-408-7994 Datasheet
204Kb / 4P
   Mass Termination Assembly
408-7995 TEC-408-7995 Datasheet
244Kb / 6P
   Mass Termination Assembly
logo
Tyco Electronics
408-9607 MACOM-408-9607 Datasheet
142Kb / 5P
   Feed- Through Head Assembly
logo
3M Electronics
7893S 3M-7893S Datasheet
53Kb / 1P
   3M??Head Strap/Harness Assembly 7893S, Silicone, 2 EA/Case
logo
Tyco Electronics
59461 MACOM-59461 Datasheet
75Kb / 1P
   HEAVY HEAD HAND TOOL ASSEMBLY
logo
TE Connectivity Ltd
408-9736 TEC-408-9736 Datasheet
225Kb / 4P
   STRATO-THERM Die Head Assembly
logo
NTE Electronics
NTE15043 NTE-NTE15043 Datasheet
18Kb / 2P
   Integrated Circuit Head Amplifier Circuit for 2 Head VCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com