Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1507-0000-000F0HJ257E Datasheet(PDF) 5 Page - Cree, Inc

Part # CXB1507-0000-000F0HJ257E
Description  XLamp LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1507-0000-000F0HJ257E Datasheet(HTML) 5 Page - Cree, Inc

  CXB1507-0000-000F0HJ257E Datasheet HTML 1Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 2Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 3Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 4Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 5Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 6Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 7Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 8Page - Cree, Inc CXB1507-0000-000F0HJ257E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
5
XLamp® CXB1507 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1507 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
3500 K
80
---
H2
900
1002
35H
CXB1507-0000-
000F0HH235H
35G
CXB1507-0000-
000F0HH235G
H4
970
1080
CXB1507-0000-
000F0HH435H
CXB1507-0000-
000F0HH435G
90
92
G2
780
869
35H
CXB1507-0000-
000F0UG235H
35G
CXB1507-0000-
000F0UG235G
G4
840
935
CXB1507-0000-
000F0UG435H
CXB1507-0000-
000F0UG435G
3000 K
80
---
G4
840
935
30H
CXB1507-0000-
000F0HG430H
30G
CXB1507-0000-
000F0HG430G
H2
900
1002
CXB1507-0000-
000F0HH230H
CXB1507-0000-
000F0HH230G
90
92
F4
730
813
30H
CXB1507-0000-
000F0UF430H
30G
CXB1507-0000-
000F0UF430G
G2
780
869
CXB1507-0000-
000F0UG230H
CXB1507-0000-
000F0UG230G
2700 K
80
---
G4
840
935
27H
CXB1507-0000-
000F0HG427H
27G
CXB1507-0000-
000F0HG427G
H2
900
1002
CXB1507-0000-
000F0HH227H
CXB1507-0000-
000F0HH227G
90
92
F2
680
757
27H
CXB1507-0000-
000F0UF227H
27G
CXB1507-0000-
000F0UF227G
F4
730
813
CXB1507-0000-
000F0UF427H
CXB1507-0000-
000F0UF427G
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 18 V (i
f = 400 ma, t= 85 °C) - COntinued


Similar Part No. - CXB1507-0000-000F0HJ257E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
logo
Cree LED
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
logo
Cree, Inc
CXB1512-0000-000F0BN440E CREE-CXB1512-0000-000F0BN440E Datasheet
2Mb / 20P
   XLamp LED
logo
Cree LED
CXB1512-0000-000F0BN440E CREELED-CXB1512-0000-000F0BN440E Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
logo
Cree, Inc
CXB1512-0000-000F0BN450E CREE-CXB1512-0000-000F0BN450E Datasheet
2Mb / 20P
   XLamp LED
More results

Similar Description - CXB1507-0000-000F0HJ257E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com