Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1512-0000-000F0HN465E Datasheet(PDF) 3 Page - Cree, Inc

Part # CXB1512-0000-000F0HN465E
Description  XLamp LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1512-0000-000F0HN465E Datasheet(HTML) 3 Page - Cree, Inc

  CXB1512-0000-000F0HN465E Datasheet HTML 1Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 2Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 3Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 4Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 5Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 6Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 7Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 8Page - Cree, Inc CXB1512-0000-000F0HN465E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXB1512 LED
oPErating LiMits
The maximum current rating of the CXB1512 is dependent on the case temperature (Tc) when the LeD has reached thermal equilibrium
under steady-state operation. The graphs shown below assume that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions
section on page 16 for the location of the Tc measurement point.
CXB1512 - 18 V
0
200
400
600
800
1000
1200
1400
0
25
50
75
100
125
150
Case Temperature (°C)
18 V
CXB1512 - 36 V
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
Case Temperature (°C)
36 V


Similar Part No. - CXB1512-0000-000F0HN465E

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1512-0000-000F0HN465E CREELED-CXB1512-0000-000F0HN465E Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
More results

Similar Description - CXB1512-0000-000F0HN465E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com