Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD125-0018-C440-1010000 Datasheet(PDF) 1 Page - Cree, Inc

Part # LMD125-0018-C440-1010000
Description  LED Module Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMD125-0018-C440-1010000 Datasheet(HTML) 1 Page - Cree, Inc

  LMD125-0018-C440-1010000 Datasheet HTML 1Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 2Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 3Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 4Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 5Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 6Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 7Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 8Page - Cree, Inc LMD125-0018-C440-1010000 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LED MoDuLE DrivEr Data shEEt
Copyright © 2012-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® LMD125 LED Module Drivers
ProDuCt DEsCriPtion
Cree LeD modules provide lighting
designers and manufacturers with simple,
easy-to-adopt LeD lighting solutions that
reduce luminaire development time and
speed time-to-market. Cree LMD125
LED module drivers are specifically
designed to work with the Cree LMH2
850- and 1250-lumen light sources
to jump-start the design process for
recessed downlights, wall sconces or
pendant lights in demanding end markets
such as retail, museums, hospitality and
restaurants.
fEaturEs
• Input voltages options: 100‑120 V,
230 V & 277 V
• TRIAC dimming support for
100‑120 V and 230 V options
• Optimized for Cree LMH2
850‑lm & 1250‑lm light sources
• LMD125 100‑120 V driver is PSE
certified
tabLE of ContEnts
Order Codes.................................................2
Characteristics - LMD125 100- to 120-v
Driver............................................................2
Characteristics - LMD125 230-v Driver .....2
Characteristics ‑ LMD125 277‑V Driver .....3
Dimming ......................................................3
Mechanical Dimensions .............................8
Wiring Diagrams..........................................9
Thermal Design........................................ 10
emergency Battery Operation ................. 11
Safety and Regulatory Notes................... 11
Packaging................................................. 12


Similar Part No. - LMD125-0018-C440-1010000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD125-0018-C440-1010000 CREE-LMD125-0018-C440-1010000 Datasheet
851Kb / 3P
   Cree짰 LMH2 850-lm and 1250-lm LED Modules with TrueWhite짰 Technology
LMD125-0018-C440-1010000 CREE-LMD125-0018-C440-1010000 Datasheet
575Kb / 2P
   Cree® LMH2 LED Module with TrueWhite® Technology
2011
More results

Similar Description - LMD125-0018-C440-1010000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LMD300 CREE-LMD300 Datasheet
1Mb / 16P
   LED Module Drivers
logo
XP Power Limited
DLE45 XPPOWER-DLE45 Datasheet
266Kb / 5P
   LED Drivers
DLE25 XPPOWER-DLE25 Datasheet
482Kb / 5P
   LED Drivers
logo
Allegro MicroSystems
LC5200 ALLEGRO-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
   LED Drivers
VLED40W-012 ETC2-VLED40W-012 Datasheet
683Kb / 3P
   LED Drivers
logo
Sanken electric
LC5200 SANKEN-LC5200 Datasheet
601Kb / 15P
   LED Drivers
logo
Copal Electronics
W_SERIES COPAL-W_SERIES Datasheet
306Kb / 7P
   WHITE LED DRIVERS
logo
ATMEL Corporation
MSL2023 ATMEL-MSL2023_14 Datasheet
1Mb / 40P
   Atmel LED Drivers
logo
List of Unclassifed Man...
VLED25W-075-C0350-XX ETC2-VLED25W-075-C0350-XX Datasheet
892Kb / 4P
   Dimmable LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com