Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3590-0000-000N00BD40H Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA3590-0000-000N00BD40H
Description  XLamp LED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA3590-0000-000N00BD40H Datasheet(HTML) 1 Page - Cree, Inc

  CXA3590-0000-000N00BD40H Datasheet HTML 1Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 2Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 3Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 4Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 5Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 6Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 7Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 8Page - Cree, Inc CXA3590-0000-000N00BD40H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXA3590 LED
ProDuCt DEsCriPtion
The XLamp® CXA3590 LeD array
expands Cree’s family of high‑flux,
multi‑die integrated arrays, offering high
performance in an easy‑to‑use platform.
With XLamp LED lighting‑class reliability,
the
CXA3590’s
uniform
emitting
surface enables both directional and
non‑directional lighting applications and
luminaire and lamp designs. Available
in 2‑step, 3‑step and 4‑step color
consistency, and featuring a 30‑mm
optical source, the CXA3590 brings new
levels of flux and efficacy to this form
factor.
The CX Family LED Design Guide
provides basic information on the
requirements to use the CXA3590 LED
successfully in luminaire designs.
fEAturEs
• Available in 4‑step, 3‑step and 2‑step
EasyWhite® bins at 2700 K, 3000 K,
3500 K, 4000 K & 5000 K CCT and
4‑step EasyWhite bins at 5700 K &
6500 K CCT
• Available in ANSI white bins at
4000 K, 5000 K, 5700 K & 6500 K
CCT
• Available in 70‑, 80‑, 90‑ and
93‑minimum CRI options
• Forward voltage options: 36‑V class
& 72‑V class
• 85 °C binning and characterization
• Maximum drive current: 3600 mA
(36 V), 1800 mA (72 V)
• 115° viewing angle, uniform
chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS and REACh compliant
• UL® recognized component
(E349212)
tAbLE of ContEnts
Characteristics ............................................2
Operating Limits..........................................3
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 36 V.................................4
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 36 V.................................6
Flux Characteristics, EasyWhite® Order
Codes and Bins ‑ 72 V.................................7
Flux Characteristics, ANSI White Order
Codes and Bins ‑ 72 V.................................9
Relative Spectral Power Distribution ...... 10
Electrical Characteristics......................... 11
Relative Luminous Flux............................ 12
Typical Spatial Distribution...................... 14
Performance Groups ‑ Brightness .......... 14
Performance Groups ‑ Chromaticity....... 15
Cree EasyWhite® Bins Plotted on the
1931 CIE Color Space.............................. 18
Cree ANSI White Bins Plotted on the
1931 CIE Color Space.............................. 18
Bin and Order Code Formats................... 19
Mechanical Dimensions .......................... 19
Thermal Design........................................ 20
Notes ........................................................ 22
Packaging................................................. 23


Similar Part No. - CXA3590-0000-000N00BD40H

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
   3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
   LCD Driver
More results

Similar Description - CXA3590-0000-000N00BD40H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com