Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8852-AIV210 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8852-AIV210
Description  High PSRR, Low Noise, 150mA CMOS Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8852-AIV210 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8852-AIV210 Datasheet HTML 4Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 5Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 6Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 7Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 8Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 9Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 10Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 11Page - Analog Microelectronics AME8852-AIV210 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AME
8
High PSRR, LowNoise, 150mA
CMOS Regulator
AME8852
Rev. B.01
n
Electrical Specifications
Note1: Dropout Voltage is measured at V
OUT=VOUT(NOM)x98%
Note2: For V
OUT below 2.0V, Dropout Voltage is the input(MIN) to output differential.
Parameter
Symbol
Min
Typ
Max Units
F=100Hz
60
F=1KHz
60
F=10KHz
60
Output Voltage Noise
eN
100
µVRMS
Enable High (Enabled)
VEN,HI
1.4
VIN
Enable Low (Shutdown)
VEN,LO
0
0.4
IEN,HI
1
IEN,LO
2
Shutdown Current
ISHDN
0.1
1
µA
Shutdown Output Voltage
VOUT,SD
0.4
V
Output Current Limit
ILIM
250
mA
Thermal Shutdown Temperature
TSHDN
150
Thermal Shutdown Hysteresis
TSHDN(HYS)
20
Shutdown,
temperature increasing
IOUT=0.4mA, VEN=0
oC
VOUT=0.9 x VOUT(NOM)
Protection
Power Supply
Rejection Ration
PSRR
COUT=1uF, VOUT=1V
IOUT=10mA
VIN=2.8V
Enable Input Bias Current
VEN=VIN
VEN=0V
VIN(MIN) VIN 5.5V
VIN=5.0V, VEN=0V
IOUT=10mA, VOUT=0.8V,
f=1Hz to 100KHz
VIN(MIN) VIN 5.5V
V
µA
Test Condition
dB


Similar Part No. - AME8852-AIV210

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU080 AME-AME8852A-AEU080 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A-AEU080K AME-AME8852A-AEU080K Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
More results

Similar Description - AME8852-AIV210

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8852A AME-AME8852A_16 Datasheet
468Kb / 20P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852A AME-AME8852A Datasheet
220Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
AME8852 AME-AME8852 Datasheet
205Kb / 29P
   High PSRR, Low Noise, 150mA CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Power Analog Micoelectr...
PAM3102 PAM-PAM3102 Datasheet
301Kb / 11P
   Dual 150mA High PSRR Low-Dropout CMOS Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com