Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1816-0000-000N00P230H Datasheet(PDF) 7 Page - Cree, Inc

Part # CXA1816-0000-000N00P230H
Description  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N00P230H Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXA1816-0000-000N00P230H Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 9Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 10Page - Cree, Inc CXA1816-0000-000N00P230H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
77
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXa1816 LED
rELAtivE sPECtrAL PoWEr Distribution
The following graph is the result of a series of pulsed measurements at 450 mA and T
J = 85 °C.
ELECtriCAL ChArACtEristiCs
The following graph is the result of a series of steady‑state measurements.
Relative Spectral Power Distribution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
380
430
480
530
580
630
680
730
780
Wavelength (nm)
5000 K, 70 CRI
4000 K, 70 CRI
3000 K, 80 CRI
3000 K, 93 CRI
33
34
35
36
37
38
39
40
41
42
250
380
510
640
770
900
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C


Similar Part No. - CXA1816-0000-000N00P230H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N00P235F CREE-CXA1816-0000-000N00P235F Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1816-0000-000N00P235H CREE-CXA1816-0000-000N00P235H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1816-0000-000N00P230H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com