Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1512-0000-000F0UK435H Datasheet(PDF) 7 Page - Cree, Inc

Part # CXB1512-0000-000F0UK435H
Description  XLamp LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1512-0000-000F0UK435H Datasheet(HTML) 7 Page - Cree, Inc

Back Button CXB1512-0000-000F0UK435H Datasheet HTML 3Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 4Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 5Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 6Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 7Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 8Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 9Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 10Page - Cree, Inc CXB1512-0000-000F0UK435H Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® CXB1512 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1512 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
3500 K
80
---
N2
1590
1739
35H
CXB1512-0000-
000N0HN235H
35G
CXB1512-0000-
000N0HN235G
N4
1710
1871
CXB1512-0000-
000N0HN435H
CXB1512-0000-
000N0HN435G
90
92
K4
1290
1411
35H
CXB1512-0000-
000N0UK435H
35G
CXB1512-0000-
000N0UK435G
M2
1380
1510
CXB1512-0000-
000N0UM235H
CXB1512-0000-
000N0UM235G
3000 K
80
---
M4
1485
1625
30H
CXB1512-0000-
000N0HM430H
30G
CXB1512-0000-
000N0HM430G
N2
1590
1739
CXB1512-0000-
000N0HN230H
CXB1512-0000-
000N0HN230G
90
92
K4
1290
1411
30H
CXB1512-0000-
000N0UK430H
30G
CXB1512-0000-
000N0UK430G
M2
1380
1510
CXB1512-0000-
000N0UM230H
CXB1512-0000-
000N0UM230G
90
92
J4
1120
1234
30Q
30U
CXB1512-0000-
000N0UJ430U
K2
1200
1313
CXB1512-0000-
000N0UK230Q
CXB1512-0000-
000N0UK230U
K4
1290
1411
CXB1512-0000-
000N0UK430Q
CXB1512-0000-
000N0UK430U
2700 K
80
---
M4
1485
1625
27H
CXB1512-0000-
000N0HM427H
27G
CXB1512-0000-
000N0HM427G
N2
1590
1739
CXB1512-0000-
000N0HN227H
CXB1512-0000-
000N0HN227G
90
92
K2
1200
1313
27H
CXB1512-0000-
000N0UK227H
27G
CXB1512-0000-
000N0UK227G
K4
1290
1411
CXB1512-0000-
000N0UK427H
CXB1512-0000-
000N0UK427G
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 350 ma, t= 85 °C) - COntinued


Similar Part No. - CXB1512-0000-000F0UK435H

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1512-0000-000F0UK435H CREELED-CXB1512-0000-000F0UK435H Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
More results

Similar Description - CXB1512-0000-000F0UK435H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com