Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1520-0000-000N0YK435G Datasheet(PDF) 1 Page - Cree, Inc

Part # CXA1520-0000-000N0YK435G
Description  XLamp LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1520-0000-000N0YK435G Datasheet(HTML) 1 Page - Cree, Inc

  CXA1520-0000-000N0YK435G Datasheet HTML 1Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 2Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 3Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 4Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 5Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 6Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 7Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 8Page - Cree, Inc CXA1520-0000-000N0YK435G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and
EasyWhite® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® CXA1520 LED
ProDuCt DEsCriPtion
The XLamp® CXA1520 LED is Cree’s first
High Density (HD) LED array, featuring
a 9‑mm optical source and enabling
lighting manufacturers to create a new
generation of products that delivers the
same intensity and light quality as 39‑W
ceramic metal halide (CMH) at up to 50
percent lower power. The new HD class
of CXA arrays provide unrivaled lumen
density that can reduce system cost for
the next generation of LED spotlights.
The CX Family LED Design Guide
provides basic information on the
requirements to use the CXA1520 LED
successfully in luminaire designs.
fEAturEs
• Available in 4‑step, 3‑step and 2‑step
EasyWhite® bins at 2700 K, 3000 K,
3500 K, 4000 K and 5000 K CCT
• Available in ANSI white bins at
4000 K and 5000 K CCT
• Available in 70‑, 80‑, 90‑ and
93‑minimum CRI options
• Forward voltage option: 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 900 mA
• 115° viewing angle, uniform
chromaticity profile
• Top‑side solder connections
• Thermocouple attach point
• NEMA SSL‑3 2011 standard flux bins
• RoHS and REACh compliant
• UL® recognized component
(E349212)
tAbLE of ContEnts
Characteristics ............................................2
Operating Limits..........................................2
Flux Characteristics, EasyWhite® Order
Codes and Bins ...........................................3
Flux Characteristics, ANSI White Order
Codes and Bins ...........................................5
Relative Spectral Power Distribution .........6
Electrical Characteristics............................6
Relative Luminous Flux...............................7
Typical Spatial Distribution.........................8
Performance Groups ‑ Brightness .............8
Performance Groups ‑ Chromaticity..........9
Cree EasyWhite® Bins Plotted on the
1931 CIE Color Space.............................. 11
Cree ANSI White Bins Plotted on the
1931 CIE Color Space.............................. 12
Bin and Order Code Formats................... 13
Mechanical Dimensions .......................... 13
Thermal Design........................................ 14
Notes ........................................................ 15
Packaging................................................. 16


Similar Part No. - CXA1520-0000-000N0YK435G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00E40E8 CREE-CXA1507-0000-000N00E40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1520-0000-000N0YK435G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com