Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1816-0000-000N0YM230H Datasheet(PDF) 2 Page - Cree, Inc

Part # CXA1816-0000-000N0YM230H
Description  XLamp LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1816-0000-000N0YM230H Datasheet(HTML) 2 Page - Cree, Inc

  CXA1816-0000-000N0YM230H Datasheet HTML 1Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 2Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 3Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 4Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 5Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 6Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 7Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 8Page - Cree, Inc CXA1816-0000-000N0YM230H Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
22
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® CXa1816 LED
ChArACtEristiCs
Characteristics
unit
Minimum
typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (HBM per Mil‑Std‑883D)
v
8000
DC forward current
mA
900*
Reverse current
mA
0.1
Forward voltage (450 mA, 85 °C)
v
36.2
Forward voltage (450 mA, 25 °C)
v
42
*
Refer to the Operating Limits section.
oPErAting LiMits
The maximum current rating of the CXA1816 is dependent on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady‑state operation. The graph shown below assumes that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Please refer to the Mechanical Dimensions
section on page 14 for the location of the Tc measurement point.
CXA1816
0
100
200
300
400
500
600
700
800
900
1000
0
25
50
75
100
125
150
Case Temperature (°C)


Similar Part No. - CXA1816-0000-000N0YM230H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1816-0000-000N0YM230H CREE-CXA1816-0000-000N0YM230H Datasheet
1Mb / 17P
   CXA1816 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1816-0000-000N0YM230H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com