Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1507-0000-000F0UF227H Datasheet(PDF) 10 Page - Cree, Inc

Part # CXB1507-0000-000F0UF227H
Description  XLamp LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1507-0000-000F0UF227H Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXB1507-0000-000F0UF227H Datasheet HTML 6Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 7Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 8Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 9Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 10Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 11Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 12Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 13Page - Cree, Inc CXB1507-0000-000F0UF227H Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® CXB1507 LED
relatiVe luminOus Flux
The relative luminous flux values provided below are the ratio of measurements of the CXB1507 LED at steady‑state operation at the given
conditions, divided by flux measured during binning, which is a pulsed measurement at 400 mA at T
J = 85 °C for the 18‑V CXB1507 LED.
Using the 18‑V CXB1507 LED as an example, at steady‑state operation of Tc = 105 °C, I
F = 550 mA, the relative luminous flux ratio is 120%
in the chart below. A CXB1507 LED that measures 900 lm during binning will deliver 1080 lm (900 * 1.2) at steady‑state operation of Tc
= 105 °C, I
F = 550 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200%
200
250
300
350
400
450
500
550
600
650
700
750
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
18 V


Similar Part No. - CXB1507-0000-000F0UF227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
logo
Cree LED
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
logo
Cree, Inc
CXB1512-0000-000F0BN440E CREE-CXB1512-0000-000F0BN440E Datasheet
2Mb / 20P
   XLamp LED
logo
Cree LED
CXB1512-0000-000F0BN440E CREELED-CXB1512-0000-000F0BN440E Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
logo
Cree, Inc
CXB1512-0000-000F0BN450E CREE-CXB1512-0000-000F0BN450E Datasheet
2Mb / 20P
   XLamp LED
More results

Similar Description - CXB1507-0000-000F0UF227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com