Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-5712CNSL2-I4T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5712CNSL2-I4T1U
Description  LOW VOLTAGE OPERATION
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5712CNSL2-I4T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5712CNSL2-I4T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5712CNSL2-I4T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
S-5712 Series
www.sii-ic.com
LOW VOLTAGE OPERATION
BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
© SII Semiconductor Corporation, 2010-2016
Rev.4.6_00
1
This IC, developed by CMOS technology, is a high-accuracy Hall IC that operates at a low voltage and low current
consumption. The output voltage changes when this IC detects the intensity level of magnetic flux density. Using this IC with
a magnet makes it possible to detect the open / close in various devices.
High-density mounting is possible by using the small SOT-23-3 or the super-small SNT-4A package.
Due to its low voltage operation and low current consumption, this IC is suitable for battery-operated portable devices. Also,
due to its high-accuracy magnetic characteristics, this IC can make operation's dispersion in the system combined with
magnet smaller.
SII Semiconductor Corporation offers a "magnetism simulation service" that provides the ideal combination of magnets and
our Hall ICs for customer systems. Our magnetism simulation service will reduce prototype production, development period
and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetism simulation service, contact our sales office.
Features
• Pole detection
*1:
Detection of both poles, S pole or N pole
• Detection logic for magnetism
*1:
Active "L", active "H"
• Output form
*1:
Nch open-drain output, CMOS output
• Magnetic sensitivity
*1:
BOP = 1.8 mT typ.
BOP = 3.0 mT typ.
BOP = 4.5 mT typ.
• Operating cycle (current consumption)
*1:
Product with both poles detection
tCYCLE = 5.70 ms (IDD = 12.0
μA) typ.
tCYCLE = 50.50 ms (IDD = 2.0
μA) typ.
tCYCLE = 204.10 ms (IDD = 1.0
μA) typ.
Product with S pole or N pole detection
tCYCLE = 6.05 ms (IDD = 6.0
μA) typ.
tCYCLE = 50.85 ms (IDD = 1.4
μA) typ.
• Power supply voltage range:
VDD = 1.6 V to 3.5 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Mobile phone, smart phone
• Notebook PC, tablet PC
• Digital video camera
• Plaything, portable game
• Home appliance
Packages
• SOT-23-3
• SNT-4A


Similar Part No. - S-5712CNSL2-I4T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5712CCDH1-I4T1U SII-S-5712CCDH1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712CCDL1-I4T1U SII-S-5712CCDL1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712CCDL1-M3T1U SII-S-5712CCDL1-M3T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712CCNL1-I4T1U SII-S-5712CCNL1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5712CCSL1-I4T1U SII-S-5712CCSL1-I4T1U Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
More results

Similar Description - S-5712CNSL2-I4T1U

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT5125F HOTCHIP-HT5125F Datasheet
856Kb / 5P
   Low voltage operation
logo
Hamamatsu Corporation
S10317_ETC_KPIC1067E04 HAMAMATSU-S10317_ETC_KPIC1067E04 Datasheet
368Kb / 5P
   Low voltage operation
logo
CML Microcircuits
DB829 CMLMICRO-DB829 Datasheet
284Kb / 29P
   Low Voltage Operation
logo
Shenzhen Huazhimei Semi...
HM24C128 HMSEMI-HM24C128 Datasheet
584Kb / 15P
   Low-voltage Operation
logo
Hotchip Technology Co.,...
HT5115 HOTCHIP-HT5115 Datasheet
757Kb / 4P
   Low voltage operation
logo
Infineon Technologies A...
BFR360L3 INFINEON-BFR360L3_13 Datasheet
611Kb / 8P
   Low voltage/ Low current operation
2013-09-03
logo
Advanced Monolithic Sys...
AMS431 AMS-AMS431 Datasheet
599Kb / 8P
   Low voltage operation (2.5V)
AMS431LV AMS-AMS431LV Datasheet
600Kb / 8P
   Low voltage operation (2.5V)
logo
Hamamatsu Corporation
S4810 HAMAMATSU-S4810 Datasheet
165Kb / 4P
   Low-voltage operation photo IC Operation at low voltage from 2.2 V
logo
ATMEL Corporation
AT25080 ATMEL-AT25080_14 Datasheet
337Kb / 21P
   Low-voltage and Standard-voltage Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com