Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1820-0000-000N0HS235G Datasheet(PDF) 3 Page - Cree, Inc

Part # CXB1820-0000-000N0HS235G
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1820-0000-000N0HS235G Datasheet(HTML) 3 Page - Cree, Inc

  CXB1820-0000-000N0HS235G Datasheet HTML 1Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 2Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 3Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 4Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 5Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 6Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 7Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 8Page - Cree, Inc CXB1820-0000-000N0HS235G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXB1820 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 14).
Cree XLamp CXB1820 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® orDEr CoDEs anD Bins (i
f = 550 ma, tJ = 85 °C)
The following table provides order codes for XLamp CXB1820 LeDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 12).
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
6500 K
70
---
S2
2780
3050
65e
CXB1820-0000-
000N0BS265e
S4
2990
3280
CXB1820-0000-
000N0BS465e
80
---
S2
2780
3050
65e
CXB1820-0000-
000N0HS265e
S4
2990
3280
CXB1820-0000-
000N0HS465e
5700 K
70
---
S2
2780
3050
57e
CXB1820-0000-
000N0BS257e
S4
2990
3280
CXB1820-0000-
000N0BS457e
80
---
S2
2780
3050
57e
CXB1820-0000-
000N0HS257e
S4
2990
3280
CXB1820-0000-
000N0HS457e
5000 K
70
---
S2
2780
3050
50e
CXB1820-0000-
000N0BS250e
S4
2990
3280
CXB1820-0000-
000N0BS450e
80
---
S2
2780
3050
50G
CXB1820-0000-
000N0HS250G
50e
CXB1820-0000-
000N0HS250e
S4
2990
3280
CXB1820-0000-
000N0HS450G
CXB1820-0000-
000N0HS450e
90
92
R2
2420
2655
50G
CXB1820-0000-
000N0UR250G
R4
2600
2852
CXB1820-0000-
000N0UR450G
4000 K
70
---
S2
2780
3050
40e
CXB1820-0000-
000N0BS240e
S4
2990
3280
CXB1820-0000-
000N0BS440e
80
---
R4
2600
2852
40H
CXB1820-0000-
000N0HR440H
40G
CXB1820-0000-
000N0HR440G
S2
2780
3050
CXB1820-0000-
000N0HS240H
CXB1820-0000-
000N0HS240G
90
92
Q4
2260
2479
40H
CXB1820-0000-
000N0UQ440H
40G
CXB1820-0000-
000N0UQ440G
R2
2420
2655
CXB1820-0000-
000N0UR240H
CXB1820-0000-
000N0UR240G


Similar Part No. - CXB1820-0000-000N0HS235G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
More results

Similar Description - CXB1820-0000-000N0HS235G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com