Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB3050-0000-000N0HY227H Datasheet(PDF) 9 Page - Cree, Inc

Part # CXB3050-0000-000N0HY227H
Description  XLamp LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB3050-0000-000N0HY227H Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXB3050-0000-000N0HY227H Datasheet HTML 5Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 6Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 7Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 8Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 9Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 10Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 11Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 12Page - Cree, Inc CXB3050-0000-000N0HY227H Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
9
XLamp® CXB3050 LED
CrEE EasyWhitE® Bins PLottED on thE 1931 CiE CoLor sPaCE
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
5700 K
6500 K
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
CCx
ANSI C78.377 Quadrangle
EasyWhite 5-step
EasyWhite 3-step
EasyWhite 2-step


Similar Part No. - CXB3050-0000-000N0HY227H

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
CXB300BG WINCHESTER-CXB300BG Datasheet
52Kb / 2P
   Modular Adapters and Couplers
CXB300BK WINCHESTER-CXB300BK Datasheet
52Kb / 2P
   Modular Adapters and Couplers
CXB300BL WINCHESTER-CXB300BL Datasheet
52Kb / 2P
   Modular Adapters and Couplers
CXB300EZ WINCHESTER-CXB300EZ Datasheet
268Kb / 1P
   Modular Plugs
CXB300GN WINCHESTER-CXB300GN Datasheet
52Kb / 2P
   Modular Adapters and Couplers
More results

Similar Description - CXB3050-0000-000N0HY227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com