Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB2530-0000-000N0UT235G Datasheet(PDF) 3 Page - Cree, Inc

Part # CXB2530-0000-000N0UT235G
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB2530-0000-000N0UT235G Datasheet(HTML) 3 Page - Cree, Inc

  CXB2530-0000-000N0UT235G Datasheet HTML 1Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 2Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 3Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 4Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 5Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 6Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 7Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 8Page - Cree, Inc CXB2530-0000-000N0UT235G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXB2530 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 14).
Cree XLamp CXB2530 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® orDEr CoDEs anD Bins (i
f = 800 ma, tJ = 85 °C)
The following table provides order codes for XLamp CXB2530 LeDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 12).
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
6500 K
70
---
U2
3680
4063
65e
CXB2530-0000-
000N0BU265e
U4
3955
4366
CXB2530-0000-
000N0BU465e
v2
4230
4670
CXB2530-0000-
000N0Bv265e
80
---
U2
3680
4063
65e
CXB2530-0000-
000N0HU265e
U4
3955
4366
CXB2530-0000-
000N0HU465e
5700 K
70
---
U2
3680
4063
57e
CXB2530-0000-
000N0BU257e
U4
3955
4366
CXB2530-0000-
000N0BU457e
v2
4230
4670
CXB2530-0000-
000N0Bv257e
80
---
U2
3680
4063
57e
CXB2530-0000-
000N0HU257e
U4
3955
4366
CXB2530-0000-
000N0HU457e
5000 K
70
---
U2
3680
4063
50e
CXB2530-0000-
000N0BU250e
U4
3955
4366
CXB2530-0000-
000N0BU450e
v2
4230
4670
CXB2530-0000-
000N0Bv250e
80
---
U2
3680
4063
50G
CXB2530-0000-
000N0HU250G
50e
CXB2530-0000-
000N0HU250e
U4
3955
4366
CXB2530-0000-
000N0HU450G
CXB2530-0000-
000N0HU450e
90
92
T4
3440
3798
50G
CXB2530-0000-
000N0UT450G
U2
3680
4063
CXB2530-0000-
000N0UU250G


Similar Part No. - CXB2530-0000-000N0UT235G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2540 CREE-CXB2540 Datasheet
2Mb / 15P
   XLamp LED
logo
Cree LED
CXB2540 CREELED-CXB2540 Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
logo
Cree, Inc
CXB2540-0000-000N0BW440E CREE-CXB2540-0000-000N0BW440E Datasheet
2Mb / 15P
   XLamp LED
logo
Cree LED
CXB2540-0000-000N0BW440E CREELED-CXB2540-0000-000N0BW440E Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
logo
Cree, Inc
CXB2540-0000-000N0BW450E CREE-CXB2540-0000-000N0BW450E Datasheet
2Mb / 15P
   XLamp LED
More results

Similar Description - CXB2530-0000-000N0UT235G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com