Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB2540-0000-000N0HW230G Datasheet(PDF) 4 Page - Cree, Inc

Part # CXB2540-0000-000N0HW230G
Description  XLamp LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB2540-0000-000N0HW230G Datasheet(HTML) 4 Page - Cree, Inc

  CXB2540-0000-000N0HW230G Datasheet HTML 1Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 2Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 3Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 4Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 5Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 6Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 7Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 8Page - Cree, Inc CXB2540-0000-000N0HW230G Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® CXB2540 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 14).
Cree XLamp CXB2540 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LeDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LeDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
group
order Code
3500 K
80
---
W2
4860
5380
35H
CXB2540-0000-
000N0HW235H
35G
CXB2540-0000-
000N0HW235G
W4
5225
5784
CXB2540-0000-
000N0HW435H
CXB2540-0000-
000N0HW435G
90
92
v2
4230
4683
35H
CXB2540-0000-
000N0Uv235H
35G
CXB2540-0000-
000N0Uv235G
v4
4545
5031
CXB2540-0000-
000N0Uv435H
CXB2540-0000-
000N0Uv435G
3000 K
80
---
v4
4545
5031
30H
CXB2540-0000-
000N0Hv430H
30G
CXB2540-0000-
000N0Hv430G
W2
4860
5380
CXB2540-0000-
000N0HW230H
CXB2540-0000-
000N0HW230G
90
92
U4
3955
4378
30H
CXB2540-0000-
000N0UU430H
30G
CXB2540-0000-
000N0UU430G
v2
4230
4683
CXB2540-0000-
000N0Uv230H
CXB2540-0000-
000N0Uv230G
90
92
U2
3680
4074
30Q
30U
CXB2540-0000-
000N0UU230U
U4
3955
4378
CXB2540-0000-
000N0UU430Q
CXB2540-0000-
000N0UU430U
v2
4230
4683
CXB2540-0000-
000N0Uv230Q
CXB2540-0000-
000N0Uv230U
2700 K
80
---
v4
4545
5031
27H
CXB2540-0000-
000N0Hv427H
27G
CXB2540-0000-
000N0Hv427G
W2
4860
5380
CXB2540-0000-
000N0HW227H
CXB2540-0000-
000N0HW227G
90
92
U2
3680
4074
27H
CXB2540-0000-
000N0UU227H
27G
CXB2540-0000-
000N0UU227G
U4
3955
4378
CXB2540-0000-
000N0UU427H
CXB2540-0000-
000N0UU427G
fLuX CharaCtEristiCs, EasyWhitE® orDEr CoDEs anD Bins (i
f = 1100 ma, tJ = 85 °C) - Continued


Similar Part No. - CXB2540-0000-000N0HW230G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB2540-0000-000N0HW230G CREELED-CXB2540-0000-000N0HW230G Datasheet
2Mb / 19P
   XLamp® CXB2540 LED
REV 10A
More results

Similar Description - CXB2540-0000-000N0HW230G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com