Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1507-0000-000N0UH250G Datasheet(PDF) 6 Page - Cree, Inc

Part # CXB1507-0000-000N0UH250G
Description  XLamp LED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1507-0000-000N0UH250G Datasheet(HTML) 6 Page - Cree, Inc

Back Button CXB1507-0000-000N0UH250G Datasheet HTML 2Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 3Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 4Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 5Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 6Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 7Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 8Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 9Page - Cree, Inc CXB1507-0000-000N0UH250G Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® CXB1507 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1507 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 200 ma, tJ = 85 °C)
The following table provides order codes for XLamp CXB1507 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 15).
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
6500 K
70
---
H4
970
1080
65e
CXB1507-0000-
000N0BH465e
J2
1040
1158
CXB1507-0000-
000N0BJ265E
80
---
H4
970
1080
65e
CXB1507-0000-
000N0HH465e
J2
1040
1158
CXB1507-0000-
000N0HJ265E
5700 K
70
---
H4
970
1080
57e
CXB1507-0000-
000N0BH457e
J2
1040
1158
CXB1507-0000-
000N0BJ257E
80
---
H4
970
1080
57e
CXB1507-0000-
000N0HH457e
J2
1040
1158
CXB1507-0000-
000N0HJ257E
5000 K
70
---
H4
970
1080
50e
CXB1507-0000-
000N0BH450e
J2
1040
1158
CXB1507-0000-
000N0BJ250E
80
---
H4
970
1080
50G
CXB1507-0000-
000N0HH450G
50e
CXB1507-0000-
000N0HH450e
J2
1040
1158
CXB1507-0000-
000N0HJ250G
CXB1507-0000-
000N0HJ250E
90
92
G4
840
935
50G
CXB1507-0000-
000N0UG450G
H2
900
1002
CXB1507-0000-
000N0UH250G
4000 K
70
---
H4
970
1080
40e
CXB1507-0000-
000N0BH440e
J2
1040
1158
CXB1507-0000-
000N0BJ240E
80
---
H2
900
1002
40H
CXB1507-0000-
000N0HH240H
40G
CXB1507-0000-
000N0HH240G
H4
970
1080
CXB1507-0000-
000N0HH440H
CXB1507-0000-
000N0HH440G
90
92
G2
780
869
40H
CXB1507-0000-
000N0UG240H
40G
CXB1507-0000-
000N0UG240G
G4
840
935
CXB1507-0000-
000N0UG440H
CXB1507-0000-
000N0UG440G


Similar Part No. - CXB1507-0000-000N0UH250G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
logo
Cree LED
CXB1512 CREELED-CXB1512 Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
logo
Cree, Inc
CXB1512-0000-000F0BN440E CREE-CXB1512-0000-000F0BN440E Datasheet
2Mb / 20P
   XLamp LED
logo
Cree LED
CXB1512-0000-000F0BN440E CREELED-CXB1512-0000-000F0BN440E Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
logo
Cree, Inc
CXB1512-0000-000F0BN450E CREE-CXB1512-0000-000F0BN450E Datasheet
2Mb / 20P
   XLamp LED
More results

Similar Description - CXB1507-0000-000N0UH250G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com