Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1304-0000-000C00C40E5 Datasheet(PDF) 3 Page - Cree, Inc

Part # CXA1304-0000-000C00C40E5
Description  XLamp LED
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1304-0000-000C00C40E5 Datasheet(HTML) 3 Page - Cree, Inc

  CXA1304-0000-000C00C40E5 Datasheet HTML 1Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 2Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 3Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 4Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 5Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 6Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 7Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 8Page - Cree, Inc CXA1304-0000-000C00C40E5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® CXa1304 LED
oPErAting LiMits - ContinuED
CXA1304-18V
0
100
200
300
400
500
600
0
25
50
75
100
125
150
Case Temperature (°C)
18 V
CXA1304-36V
0
50
100
150
200
250
300
0
25
50
75
100
125
150
Case Temperature (°C)
36 V


Similar Part No. - CXA1304-0000-000C00C40E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1304-0000-000C00C40E1 CREE-CXA1304-0000-000C00C40E1 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00C40E2 CREE-CXA1304-0000-000C00C40E2 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
CXA1304-0000-000C00C40E3 CREE-CXA1304-0000-000C00C40E3 Datasheet
1Mb / 25P
   CXA1304 LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Similar Description - CXA1304-0000-000C00C40E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com