Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8M41FRA Datasheet(PDF) 6 Page - Rohm

Part # SP8M41FRA
Description  80V NchPch Power MOSFET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8M41FRA Datasheet(HTML) 6 Page - Rohm

Back Button SP8M41FRA Datasheet HTML 2Page - Rohm SP8M41FRA Datasheet HTML 3Page - Rohm SP8M41FRA Datasheet HTML 4Page - Rohm SP8M41FRA Datasheet HTML 5Page - Rohm SP8M41FRA Datasheet HTML 6Page - Rohm SP8M41FRA Datasheet HTML 7Page - Rohm SP8M41FRA Datasheet HTML 8Page - Rohm SP8M41FRA Datasheet HTML 9Page - Rohm SP8M41FRA Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SP8M41FRA
           
               
Datasheet
l
lElectrical characteristic curves <Tr1>
Fig.5 Typical Output Characteristics(I)
Fig.6 Typical Output Characteristics(II)
Fig.7 Breakdown Voltage vs.
     Junction Temperature
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
6/19
20161202 - Rev.001


Similar Part No. - SP8M41FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M41HZG ROHM-SP8M41HZG Datasheet
4Mb / 22P
   80V NchPch Power MOSFET
More results

Similar Description - SP8M41FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8M41HZG ROHM-SP8M41HZG Datasheet
4Mb / 22P
   80V NchPch Power MOSFET
SP8K41FRA ROHM-SP8K41FRA Datasheet
2Mb / 15P
   80V NchNch Power MOSFET
SP8M24FRA ROHM-SP8M24FRA Datasheet
4Mb / 23P
   45V NchPch Power MOSFET
QH8MA2 ROHM-QH8MA2 Datasheet
4Mb / 20P
   30V NchPch Power MOSFET
UT6MC5 ROHM-UT6MC5 Datasheet
4Mb / 22P
   60V NchPch Power MOSFET
20230126 - Rev.002
SH8MA4 ROHM-SH8MA4 Datasheet
2Mb / 22P
   30V NchPch Power MOSFET
20190527 - Rev.002
SP8M4FRA ROHM-SP8M4FRA Datasheet
4Mb / 23P
   30V NchPch Power MOSFET
SP8M5FRA ROHM-SP8M5FRA Datasheet
4Mb / 22P
   30V NchPch Power MOSFET
HP8MB5 ROHM-HP8MB5 Datasheet
4Mb / 22P
   40V NchPch Power MOSFET
20230427 - Rev.002
HP8ME5 ROHM-HP8ME5 Datasheet
4Mb / 22P
   100V NchPch Power MOSFET
20230615 - Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com