Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBEHVW-H0-0000-00000HEE3 Datasheet(PDF) 1 Page - Cree, Inc

Part # XBEHVW-H0-0000-00000HEE3
Description  XLamp XB-E High?멫oltage White LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBEHVW-H0-0000-00000HEE3 Datasheet(HTML) 1 Page - Cree, Inc

  XBEHVW-H0-0000-00000HEE3 Datasheet HTML 1Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 2Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 3Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 4Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 5Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 6Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 7Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 8Page - Cree, Inc XBEHVW-H0-0000-00000HEE3 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
11
Product family data sheet
Copyright © 2013-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp®, and SC³
Technology® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. ENERGY
STAR® is a registered trademark of the U.S. Environmental Protection Agency.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® XB-E High-Voltage White LEDs
PRODUCT DESCRIPTION
Built on Cree’s SC³ Technology® Platform,
the XLamp® XB-e High-voltage White
(HvW) LeD is optimized to lower cost for
high-lumen, omnidirectional replacement
lamps. The XB-e HvW LeD delivers high
efficacy in the small XB footprint and
enables smaller and more efficient driver
circuits than standard-voltage LeDs.
In addition, the XB-e LeD has a wider
light distribution that can improve the
omnidirectionality of eNeRGY STAR®
replacement lamps.
FEATURES
• Binned @ 85 °C & 44mA
• Available in 80-minimum CRI
• 125 mA maximum drive current
• 23.5 V typical forward voltage
@ 85 °C, 44 mA
• Wide viewing angle: 140°
• Reflow solderable - JEDEC
J-STD-020C compatible
• Unlimited floor life at
≤ 30 °C/85% RH
• electrically neutral thermal path
• RoHS and ReACh compliant
• UL®-recognized component
(E349212)
TABLE OF CONTENTS
Characteristics ....................................... 2
Flux Characteristics ............................... 2
Relative Spectral Power Distribution .... 3
electrical Characteristics....................... 3
Relative Flux vs. Current ........................ 4
Typical Spatial Distribution.................... 4
Thermal Design...................................... 5
Reflow Soldering Characteristics.......... 6
Notes ...................................................... 7
Mechanical Dimensions ........................ 9
Tape and Reel....................................... 10
Packaging............................................. 11


Similar Part No. - XBEHVW-H0-0000-00000HEE3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XBEE-PRO868 ETC2-XBEE-PRO868 Datasheet
1Mb / 2P
   XBee-PRO 868 embedded RF modules provide extended-range
XBEE-PRO900 ETC2-XBEE-PRO900 Datasheet
752Kb / 2P
   Point-to-Multipoint Embedded RF Modules for OEMs
XBEE-PROXSC ETC2-XBEE-PROXSC Datasheet
706Kb / 2P
   Digi?셲 latest XBee-PRO XSC module features two times the throughput and 20 times less current draw than the previous XSC module, making it ideal for long-range sensor applications.
XBEE-PROZB ETC2-XBEE-PROZB Datasheet
823Kb / 2P
   Embedded RF modules provide low-cost, low-power wireless connectivity using the ZigBee PRO Feature Set.
More results

Similar Description - XBEHVW-H0-0000-00000HEE3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com