Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1512-0000-000N0HN435G Datasheet(PDF) 10 Page - Cree, Inc

Part # CXB1512-0000-000N0HN435G
Description  XLamp LED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1512-0000-000N0HN435G Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXB1512-0000-000N0HN435G Datasheet HTML 6Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 7Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 8Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 9Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 10Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 11Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 12Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 13Page - Cree, Inc CXB1512-0000-000N0HN435G Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
10
XLamp® CXB1512 LED
relatiVe luminOus Flux
The relative luminous flux values provided below are the ratio of:
• Measurements of CXB1512 at steady-state operation at the given conditions, divided by
• Flux measured during binning, which is a pulsed measurement at 700 mA at T
J = 85 °C for the 18‑V CXB1512 LED.
Using the 18‑V CXB1512 LED as an example, at steady‑state operation of Tc = 25 °C, I
F = 800 mA, the relative luminous flux ratio is 120%
in the chart below. A CXB1512 LED that measures 1290 lm during binning will deliver 1548 lm (1290 * 1.2) at steady‑state operation of
Tc = 25 °C, I
F = 800 mA.
0%
20%
40%
60%
80%
100%
120%
140%
160%
180%
200
300
400
500
600
700
800
900
1000
1100
1200
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
18 V


Similar Part No. - CXB1512-0000-000N0HN435G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1512-0000-000N0HN435G CREELED-CXB1512-0000-000N0HN435G Datasheet
2Mb / 27P
   XLamp® CXB1512 LED
REV 9A
More results

Similar Description - CXB1512-0000-000N0HN435G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
CXB1304 CREE-CXB1304 Datasheet
3Mb / 22P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com