Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBDROY-00-0000-000000L01 Datasheet(PDF) 2 Page - Cree, Inc

Part # XBDROY-00-0000-000000L01
Description  XLamp XB-D LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBDROY-00-0000-000000L01 Datasheet(HTML) 2 Page - Cree, Inc

  XBDROY-00-0000-000000L01 Datasheet HTML 1Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 2Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 3Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 4Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 5Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 6Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 7Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 8Page - Cree, Inc XBDROY-00-0000-000000L01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® XB-D LED
ChARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point - white, royal blue, blue
°C/W
6.5
Thermal resistance, junction to solder point - green
°C/W
11
Thermal resistance, junction to solder point - amber
°C/W
7
Thermal resistance, junction to solder point - red-orange, red
°C/W
5
Viewing angle (FWHM) - white
degrees
115
Viewing angle (FWHM) - royal blue, blue, green
degrees
135
Viewing angle (FWHM) - amber, red-orange, red
degrees
140
Temperature coefficient of voltage - white
mV/°C
-2.5
Temperature coefficient of voltage - royal blue, blue, green
mV/°C
-3.3
Temperature coefficient of voltage - amber, red-orange, red
mV/°C
-2
ESD withstand voltage (HBM per Mil-Std-883D) - white, royal blue, blue, green
v
8000
ESD classification (HBM per Mil-Std-883D) - amber, red-orange, red
Class 2
DC forward current
mA
1000
Reverse voltage
v
-5
Forward voltage (@ 350 mA, 85 °C) - white
v
2.9
3.5
Forward voltage (@ 350 mA, 25 °C) - royal blue, blue
v
3.1
3.7
Forward voltage (@ 350 mA, 25 °C) - green
v
3.3
3.9
Forward voltage (@ 350 mA, 25 °C) - amber, red-orange, red
v
2.25
2.6
LeD junction temperature
°C
150


Similar Part No. - XBDROY-00-0000-000000L01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDROY-00-0000-000000L01 CREE-XBDROY-00-0000-000000L01 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
XBDROY-00-0000-000000L01 CREE-XBDROY-00-0000-000000L01 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDROY-00-0000-000000L01 CREE-XBDROY-00-0000-000000L01 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
More results

Similar Description - XBDROY-00-0000-000000L01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-H CREE-XB-H Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
CLD-AP90 CREE-CLD-AP90 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XB-D LEDs
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XB-D LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com