Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XBHAWT-00-0000-000PS50E7 Datasheet(PDF) 7 Page - Cree, Inc

Part # XBHAWT-00-0000-000PS50E7
Description  XLamp XB-H LEDs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XBHAWT-00-0000-000PS50E7 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XBHAWT-00-0000-000PS50E7 Datasheet HTML 3Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 4Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 5Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 6Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 7Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 8Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 9Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 10Page - Cree, Inc XBHAWT-00-0000-000PS50E7 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® XB-H LED
tyPiCAL sPAtiAL DistriBution
tHErMAL DEsiGn
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is crucial for the end
product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life
and optical characteristics.
Typical Spatial Radiation Pattern
0%
20%
40%
60%
80%
100%
-90
-60
-30
0
30
60
90
Angle (º)
Thermal Design
0
200
400
600
800
1000
1200
1400
1600
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 10 °C/W
Rj-a = 15 °C/W
Rj-a = 20 °C/W
Rj-a = 25 °C/W


Similar Part No. - XBHAWT-00-0000-000PS50E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBHAWT-00-0000-000PS50E7 CREE-XBHAWT-00-0000-000PS50E7 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
More results

Similar Description - XBHAWT-00-0000-000PS50E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
   XLamp XB-H LEDs
XB-D CREE-XB-D Datasheet
1Mb / 19P
   XLamp XB-D LEDs
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
   XLAMP XB-D LEDS
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
   XLAMP XB-D WHITE LEDS
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
   XLamp® XB-D LEDs
REV 15
logo
Cree, Inc
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com