Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP50B-00-0000-0D00J20E4 Datasheet(PDF) 3 Page - Cree, Inc

Part # XHP50B-00-0000-0D00J20E4
Description  XLamp XHP50.2 LEDs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP50B-00-0000-0D00J20E4 Datasheet(HTML) 3 Page - Cree, Inc

  XHP50B-00-0000-0D00J20E4 Datasheet HTML 1Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 2Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 3Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 4Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 5Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 6Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 7Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 8Page - Cree, Inc XHP50B-00-0000-0D00J20E4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp XHP50.2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
33
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
3
XLamp® XHp50.2 LED
FLuX CHArACtEristiCs, EAsyWHitE® orDEr CoDEs AnD bins
The following table provides order codes for XLamp XHP50.2 LEDs. For a complete description of how the flux and chromaticity groups
are reflected in the bin code and order code nomenclature, please see the Bin and Order Code Formats section (page 19).
Binning condition: T
J = 85 °C; 12 V, IF = 700 mA
Reference condition: T
J = 85 °C; 6 V, IF = 1400 mA
nominal
CCt
Cri
Minimum Luminous Flux
2-step
3-step
5-step
Min
typ
Group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
Group
order Code
Group
order Code
Group
order Code
5000 K
70
J4
1120
1239
50e
XHP50B-00-0000-
0D0BJ450E
J2
1040
1151
XHP50B-00-0000-
0D0BJ250E
80
J2
1040
1151
50G
XHP50B-00-0000-
0D0HJ250G
H4
970
1073
XHP50B-00-0000-
0D0HH450G
90
H2
900
996
50G
XHP50B-00-0000-
0D0UH250G
G4
840
930
XHP50B-00-0000-
0D0UG450G
4500 K
70
J4
1120
1239
45e
XHP50B-00-0000-
0D0BJ445E
J2
1040
1151
XHP50B-00-0000-
0D0BJ245E
80
J2
1040
1151
45G
XHP50B-00-0000-
0D0HJ245G
H4
970
1073
XHP50B-00-0000-
0D0HH445G
90
H2
900
996
45G
XHP50B-00-0000-
0D0UH245G
G4
840
930
XHP50B-00-0000-
0D0UG445G
4000 K
70
J4
1120
1239
40e
XHP50B-00-0000-
0D0BJ440E
J2
1040
1151
XHP50B-00-0000-
0D0BJ240E
80
J2
1040
1151
40H
XHP50B-00-0000-
0D0HJ240H
40G
XHP50B-00-0000-
0D0HJ240G
H4
970
1073
XHP50B-00-0000-
0D0HH440H
XHP50B-00-0000-
0D0HH440G
90
H2
900
996
40H
XHP50B-00-0000-
0D0UH240H
40G
XHP50B-00-0000-
0D0UH240G
G4
840
930
XHP50B-00-0000-
0D0UG440H
XHP50B-00-0000-
0D0UG440G


Similar Part No. - XHP50B-00-0000-0D00J20E4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results

Similar Description - XHP50B-00-0000-0D00J20E4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com