Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1393763-4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1-1393763-4
Description  Direct coil control with TTL-signals possible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1393763-4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1-1393763-4 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393763-4 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393763-4 Datasheet HTML 3Page - TE Connectivity Ltd 1-1393763-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal
Signal Relays
Reed Relay V23100 -V4 (Continued)
Insulation Data
Initial dielectric strength
between open contacts
DIP and SIL, 1 form A (NO), 2 form A (2 NO) 250VDC
DIP, 1 form C (CO)
200VDC
Mini SIL, 1 form A (NO)
225VDC
between contact and coil
1500VDC
Initial insulation resistance at 500 VDC
>109Ω
Capacitance
between open contacts
max. 1pF
between contact and coil
max. 2pF
between adjacent contacts
max. 1pF
Other Data
form A
form C
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to +85°C
Category of environmental protection
IEC 61810
RT-III - wash tight
Vibration resistance (functional)
30g,
30g,
10 to 2000Hz
50 to 2000Hz
Shock resistance (functional),
IEC 60068-2-27 (half sine),DIP and SIL 150g
50g
Mini SIL
50g
-
Terminal type
PCB-THT
Resistance to soldering heat THT
IEC 60068-2-20
265 °C / 10 s
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
Terminal assignment
TOP view on component side of PCB
1 form A (NO)
standard
V23100-V4xxx-A000
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
1 form A (NO)
with diode
V23100-V4xxx-A010
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
1 form A (NO)
with electrostatic shield + diode
V23100-V4xxx-A011
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
1 form A (NO)
with electrostatic shield
V23100-V4xxx-A001
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
1 form a
with electrostatic
shield and diode
A011
1 form a
standard
A000
1 form a
with diode
A010
1 form c
standard
C000
1 form a
with electrostatic
shield
A001
12
67
1413
98
Dimensions
Dimensions in mm
DIP flat version
mm
inch
L
W
H
19.30 - 0.2
6.40 - 0.2
5.70 - 0.2
0.760 - 0.008
0.252 - 0.008
0.224 - 0.008
Hb
T
Tw
Tz
5.10 - 0.2
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.201 - 0.008
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (at)
19.3-0.2
0.5±0.1
6.4-0.2
0.25±0.1
1 form C (CO)
standard
V23100-V4xxx-C000
DIP, flat version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
DIP-high version
mm
inch
L
W
H
19.30 - 0.2
7.00 - 0.2
7.50 - 0.2
0.760 - 0.008
0.276 - 0.008
0.295 - 0.008
S
T
Tw
Tz
0.50 ± 0.1
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.200 ± 0.004
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (high)
2 form a
with diode
B010
2 form a
standard
B000
1 form c
with diode
C010
1 form c
with electrostatic
shield and diode
C011
19.3-0.2
0.5±0.1
7.0-0.2
1 form C (CO)
with diode
V23100-V4xxx-C010
DIP, high version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
DIP-high version
mm
inch
L
W
H
19.30 - 0.2
7.00 - 0.2
7.50 - 0.2
0.760 - 0.008
0.276 - 0.008
0.295 - 0.008
S
T
Tw
Tz
0.50 ± 0.1
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.200 ± 0.004
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (high)
2 form a
with diode
B010
2 form a
standard
B000
1 form c
with diode
C010
1 form c
with electrostatic
shield and diode
C011
19.3-0.2
0.5±0.1
7.0-0.2
2 form A (NO)
standard
V23100-V43xx-B000
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
DIP-high version
mm
inch
L
W
H
19.30 - 0.2
7.00 - 0.2
7.50 - 0.2
0.760 - 0.008
0.276 - 0.008
0.295 - 0.008
S
T
Tw
Tz
0.50 ± 0.1
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.200 ± 0.004
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (high)
2 form a
with diode
B010
2 form a
standard
B000
1 form c
with diode
C010
1 form c
with electrostatic
shield and diode
C011
19.3-0.2
0.5±0.1
7.0-0.2
1 form C (CO)
with electrostatic shield + diode
V23100-V4xxx-C011
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
DIP-high version
mm
inch
L
W
H
19.30 - 0.2
7.00 - 0.2
7.50 - 0.2
0.760 - 0.008
0.276 - 0.008
0.295 - 0.008
S
T
Tw
Tz
0.50 ± 0.1
3.20 ± 0.1
0.50 ± 0.1
0.25 ± 0.1
0.200 ± 0.004
0.126 ± 0.004
0.020 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
DIP version (high)
2 form a
with diode
B010
2 form a
standard
B000
1 form c
with diode
C010
1 form c
with electrostatic
shield and diode
C011
19.3-0.2
0.5±0.1
7.0-0.2
2 form A (NO)
with diode
V23100-V43xx-B010
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
19.80 - 0.2
5.08 - 0.2
7.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
T
Tw
Tz
3.50 ± 0.2
0.60 ± 0.1
0.25 ± 0.1
0.138 ± 0.008
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
SIL version
1 form a
standard
A000
1 form a
with diode
A010
19.8-0.2
5.08-0.2
0.6±0.1
0.25±0.1
1 form A (NO)
standard
V23100-V45xx-A000
SIL version
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
8 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
19.80 - 0.2
5.08 - 0.2
7.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
T
Tw
Tz
3.50 ± 0.2
0.60 ± 0.1
0.25 ± 0.1
0.138 ± 0.008
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
SIL version
1 form a
standard
A000
1 form a
with diode
A010
19.8-0.2
5.08-0.2
0.6±0.1
0.25±0.1
1 form A (NO)
with diode
V23100-V45xx-A010
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
15.20 - 0.2
3.80 - 0.2
6.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
Tw
Tz
0.50 ± 0.1
0.25 ± 0.1
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
Mini SIL version
1 form a
standard
A000
1 form a
with diode
A010
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U min
Maximum
voltage U max
Vdc
Vdc
Vdc
Vdc
mW
/ ± 10 %
SIL version: 1 form a contact
5
3.5
13.6
0.75
50
500
V23100-V4605-A000
1422026-2
12
8.4
21.6
1.80
205
700
V23100-V4612-A000
1422026-3
SIL version: 1 form a contact with diode
5
3.5
13.6
0.75
50
500
V23100-V4605-A010
1422026-5
12
8.4
21.6
1.80
205
700
V23100-V4612-A010
1422026-6
3.8-0.2
15.2-0.2
0.25±0.1
0.5±0.1
11.43
1 form A (NO)
standard
V23100-V46xx-A000
Mini SIL version
1 form A (NO)
with diode
V23100-V46xx-A010
108-98011 Rev. C
All specifications subject to change. Consult Tyco Electronics for latest specifications.
10 of 13
Telecom-, Signal and RF Relays
Reed V23100-V4 Relay
AXICOM
SIL version
mm
inch
L
W
H
15.20 - 0.2
3.80 - 0.2
6.80 - 0.2
0.780 - 0.008
0.200 - 0.008
0.307 - 0.008
Tw
Tz
0.50 ± 0.1
0.25 ± 0.1
0.024 ± 0.004
0.010 ± 0.004
Dimensions
Dimensions in mm
Mounting hole layout
Top view
Terminal assignment
Top view
Mini SIL version
1 form a
standard
A000
1 form a
with diode
A010
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
U nom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco part
number
Minimum
voltage U min
Maximum
voltage U max
Vdc
Vdc
Vdc
Vdc
mW
/ ± 10 %
SIL version: 1 form a contact
5
3.5
13.6
0.75
50
500
V23100-V4605-A000
1422026-2
12
8.4
21.6
1.80
205
700
V23100-V4612-A000
1422026-3
SIL version: 1 form a contact with diode
5
3.5
13.6
0.75
50
500
V23100-V4605-A010
1422026-5
12
8.4
21.6
1.80
205
700
V23100-V4612-A010
1422026-6
3.8-0.2
15.2-0.2
0.25±0.1
0.5±0.1
11.43


Similar Part No. - 1-1393763-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1393763-4 MACOM-1-1393763-4 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
1-1393763-4 MACOM-1-1393763-4 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
1-1393763-4 TEC-1-1393763-4 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
More results

Similar Description - 1-1393763-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23100V4324C010 MACOM-V23100V4324C010 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100-V4005-A000 MACOM-V23100-V4005-A000 Datasheet
2Mb / 13P
   Direct coil control with TTL-signals possible
V23100V4005A000 MACOM-V23100V4005A000 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
V23100V4024A000 MACOM-V23100V4024A000 Datasheet
3Mb / 4P
   Direct coil control with TTL-signals possible
logo
TE Connectivity Ltd
V23100-V4 TEC-V23100-V4 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
M/A-COM Technology Solu...
GAAS_PINDIODECHIPS MA-COM-GAAS_PINDIODECHIPS Datasheet
343Kb / 6P
   May be Driven Directly by TTL Signals
logo
Caliber Electronics Inc...
OAH10 CALIBER-OAH10 Datasheet
105Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
List of Unclassifed Man...
OAH10 ETC2-OAH10 Datasheet
100Kb / 1P
   HCMOS/TTL Oscillator / with Jitter Control
logo
Silicon Laboratories
SI5321-EVB SILABS-SI5321-EVB Datasheet
1Mb / 18P
   Control input signals are switch configurable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com