Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23005 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # V23005
Description  Contacts for signal loads and currents up to 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

V23005 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  V23005 Datasheet HTML 1Page - TE Connectivity Ltd V23005 Datasheet HTML 2Page - TE Connectivity Ltd V23005 Datasheet HTML 3Page - TE Connectivity Ltd V23005 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Highly reliable
n
Great variety of contact arrangements and materials to meet
specific applications
n
Contacts for signal loads and currents up to 5A
n
For AC operating only
n
Neutral, monostable
Typical applications
Operation of the coil with alternating voltage, machine controls
Max. DC breaking capacity, contact sets B1xx, C1xx
Max. DC breaking capacity, contact sets F1xx
Cradle W Relay V23005
Contact Data
Product code block 3
B104/B110
B604/B610
C104/C110
C404/C410
F104 to F107
Contact arrangement
max. 4 form C (4CO) contacts, 2 form B (2 NC) contacts or 2 form A (2 NO) contacts (see product code table)
Max. switching voltage
150VDC
36VDC
150VDC
36VDC
250VDC
125VAC
30VAC
125VAC
30VAC
250VAC
Rated current
2A
0.2A
2A
0.2A
5A
Limiting continuous current
at max. ambient temperature
2A
2A
2A
2A
5A
Breaking capacity
35 to 70W
5W, 5VA
35 to 70W
5W, 5VA
50 to 140W
see DC load breaking capacity curve below 50VA
50VA
500VA
Contact material
silver, gold-flashed
gold F
silver, gold-flashed
gold F
silver, gold-flashed
Contact style
single contact
single contact
bifurcated contacts
bifurcated contacts
single contact
Frequency of operation, without load, max. 20 ops./s
20 ops./s
20 ops./s
20 ops./s
20 ops./s
Mechanical endurance
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 108 ops.


Similar Part No. - V23005

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
More results

Similar Description - V23005

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
PHOENIX CONTACT
101810 PHOENIX-101810 Datasheet
150Kb / 4P
   Miniature Relays With PDT for Loads up to 6 A
102829 PHOENIX-102829 Datasheet
123Kb / 3P
   Power Optocouplers for Switching AC Loads up to 2 A
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com