Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-1393816-4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 1-1393816-4
Description  Contacts for signal loads and currents up to 5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1-1393816-4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  1-1393816-4 Datasheet HTML 1Page - TE Connectivity Ltd 1-1393816-4 Datasheet HTML 2Page - TE Connectivity Ltd 1-1393816-4 Datasheet HTML 3Page - TE Connectivity Ltd 1-1393816-4 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
AXICOM
Signal Relays
Cradle W Relay V23005 (Continued)
Coil Data
Magnetic system
neutral
Coil voltage range
6 to 220 VAC (50Hz/ 60Hz)
Operative range, IEC 61810
1
Operating voltage
80% of rated coil voltage
Rated coil power, typ.
1.15VA
Max. coil temperature
100°C
Thermal resistance
35K/W
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA 1)
015
6
4.8
8
1.15
017
12
9.6
40
1.15
021
18
14.4
108
1.15
010
24
19.2
170
1.15
009
42
33.6
550
1.15
019
48
38.4
620
1.15
008
60
48
1000
1.15
007
110
88
3200
1.15
004
220
176
14000
1.15
1) Typical value.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Insulation Data
B1xx,B6xx,C1xx,C4xx F1xx
Initial dielectric strength
between coil and frame
500VACrms at rated voltages ≤60V
2000VACrms at rated voltages > 60V
between contact and contact
500VACrms
1000VACrms
between contact and frame
500VACrms
1000VACrms
Initial insulation resistance, at 500 VDC
> 106Ω
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-40 to + 70°C
Category of environmental protection
IEC 61810
RT I - dust protected
Degree of protection, IEC 60529
IP 40
Terminal type
solder terminals, suitable for
plug-in-and socket connection
plus srew fixing
Weight
V23003-A0xxx Size I
approx. 35g
V23003-B0xxx Size II
approx. 40g
Washing
not recommended
Ultrasonic cleaning
not recommended
Packaging unit
5 pcs.
Accessories
For details see datasheet Cradle Relay, Accessories and Mounting
Terminal assignment
2 form C (2 CO)
V23005-xxxxx-Bx04
V23005-xxxxx-Cx04
Size I
2 form A (2 NO)
V23005-xxxxx-F105
2 form B (2 NC)
V23005-xxxxx-F107
1 form A + 1 form B
(1 NO + 1 NC)
V231005-xxxxx-F106
Size II
4 form C (4 CO)
V231005-xxxxx-Bx10
V231005-xxxxx-Cx10
2 form C (2 CO)
V231005-xxxxx-F104
Coil terminals: 1, 4


Similar Part No. - 1-1393816-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1-1393816-4 TEC-1-1393816-4 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 1-1393816-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
PHOENIX CONTACT
101810 PHOENIX-101810 Datasheet
150Kb / 4P
   Miniature Relays With PDT for Loads up to 6 A
102829 PHOENIX-102829 Datasheet
123Kb / 3P
   Power Optocouplers for Switching AC Loads up to 2 A
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
   DC solid state relay for loads up to 2A @ 60Vdc
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
CIT Relay & Switch
WJ101 CIT-WJ101 Datasheet
147Kb / 2P
   Switching capacity up to 5A
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
PHOENIX CONTACT
1912595 PHOENIX-1912595 Datasheet
683Kb / 13P
   COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com