Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP70A-00-0000-0D0UK20E1 Datasheet(PDF) 7 Page - Cree, Inc

Part # XHP70A-00-0000-0D0UK20E1
Description  XLamp XHP70 LEDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP70A-00-0000-0D0UK20E1 Datasheet(HTML) 7 Page - Cree, Inc

Back Button XHP70A-00-0000-0D0UK20E1 Datasheet HTML 3Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 4Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 5Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 6Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 7Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 8Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 9Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 10Page - Cree, Inc XHP70A-00-0000-0D0UK20E1 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 26).
Cree XLamp XHP70 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
Copyright © 2014-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo and
SC5 Technology™ are trademarks of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® XHp70 LED
nominal
CCt
Chromaticity regions
Cri
Minimum Luminous Flux
order Code
Min
typ
Group Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C*
6000 K
1A, 1B, 1C, 1D,
1R, 1S, 1T, 1U,
2A, 2B, 2C, 2D,
2R, 2S, 2T, 2U
0
68
N4
1710
1965
XHP70A-00-0000-0D00N40Dv
N2
1590
1827
XHP70A-00-0000-0D00N20Dv
70
N4
1710
1965
XHP70A-00-0000-0D0BN40DV
N2
1590
1827
XHP70A-00-0000-0D0BN20DV
80
N2
1590
1827
XHP70A-00-0000-0D0HN20Dv
M4
1485
1707
XHP70A-00-0000-0D0HM40Dv
90
M2
1380
1586
XHP70A-00-0000-0D0UM20Dv
K4
1290
1482
XHP70A-00-0000-0D0UK40Dv
K2
1200
1379
XHP70A-00-0000-0D0UK20Dv
5700 K
2A, 2B, 2C, 2D
0
68
N4
1710
1965
XHP70A-00-0000-0D00N40e2
N2
1590
1827
XHP70A-00-0000-0D00N20e2
70
N4
1710
1965
XHP70A-00-0000-0D0BN40E2
N2
1590
1827
XHP70A-00-0000-0D0BN20E2
80
N2
1590
1827
XHP70A-00-0000-0D0HN20e2
M4
1485
1707
XHP70A-00-0000-0D0HM40e2
90
M2
1380
1586
XHP70A-00-0000-0D0UM20e2
K4
1290
1482
XHP70A-00-0000-0D0UK40e2
K2
1200
1379
XHP70A-00-0000-0D0UK20e2
5000 K
3A, 3B, 3C, 3D
0
68
N4
1710
1965
XHP70A-00-0000-0D00N40e3
N2
1590
1827
XHP70A-00-0000-0D00N20e3
70
N4
1710
1965
XHP70A-00-0000-0D0BN40E3
N2
1590
1827
XHP70A-00-0000-0D0BN20E3
80
N2
1590
1827
XHP70A-00-0000-0D0HN20e3
M4
1485
1707
XHP70A-00-0000-0D0HM40e3
M2
1380
1586
XHP70A-00-0000-0D0HM20e3
90
K4
1290
1482
XHP70A-00-0000-0D0UK40e3
K2
1200
1379
XHP70A-00-0000-0D0UK20e3
J4
1120
1287
XHP70A-00-0000-0D0UJ40E3
4500 K
4A, 4B, 4C, 4D
0
68
N2
1590
1827
XHP70A-00-0000-0D00N20e4
M4
1485
1707
XHP70A-00-0000-0D00M40e4
70
N2
1590
1827
XHP70A-00-0000-0D0BN20E4
M4
1485
1707
XHP70A-00-0000-0D0BM40E4
80
M4
1485
1707
XHP70A-00-0000-0D0HM40e4
M2
1380
1586
XHP70A-00-0000-0D0HM20e4
90
K4
1290
1482
XHP70A-00-0000-0D0UK40e4
K2
1200
1379
XHP70A-00-0000-0D0UK20e4
J4
1120
1287
XHP70A-00-0000-0D0UJ40E4
FLuX CHArACtEristiCs, Ansi WHitE orDEr CoDEs AnD bins - ContinuED


Similar Part No. - XHP70A-00-0000-0D0UK20E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP70.2 CREE-XHP70.2 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20DT CREE-XHP70B-00-0000-0D00N20DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N20E1 CREE-XHP70B-00-0000-0D00N20E1 Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DT CREE-XHP70B-00-0000-0D00N40DT Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
XHP70B-00-0000-0D00N40DV CREE-XHP70B-00-0000-0D00N40DV Datasheet
1Mb / 29P
   Available in white, configurable to 6 V or 12 V by PCB layout
More results

Similar Description - XHP70A-00-0000-0D0UK20E1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
   XLamp XHP50.2 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com