Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1304-0000-000N0HC227H Datasheet(PDF) 8 Page - Cree, Inc

Part # CXB1304-0000-000N0HC227H
Description  XLamp LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1304-0000-000N0HC227H Datasheet(HTML) 8 Page - Cree, Inc

Back Button CXB1304-0000-000N0HC227H Datasheet HTML 4Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 5Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 6Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 7Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 8Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 9Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 10Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 11Page - Cree, Inc CXB1304-0000-000N0HC227H Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc.. UL® and the UR logo are registered trademarks of UL LLC.
8
XLamp® CXB1304 LED
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp CXB1304 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
For 80 CRI minimum LEDs, CRI R9 minimum is 0 with a ±2 tolerance. For 90 CRI minimum LEDs, CRI R9 typical is 60.
**
Flux values @ 25 °C are calculated and for reference only.
fLuX CharaCtEristiCs, EasyWhitE® Order COdes and Bins - 36 V (i
f = 100 ma, tJ = 85 °C)
The following table provides order codes for XLamp CXB1304 LEDs. For a complete description of the order code nomenclature, please
see the Bin and Order Code Formats section (page 18).
nominal
CCt
Cri*
Minimum Luminous flux
2-step
3-step
5-step
Min
typ
group
Flux (lm)
@ 85 °C
Flux (lm)
@ 25 °C** group
order Code
group
order Code
group
order Code
6500 K
70
---
C4
475
525
65e
CXB1304-0000-
000N0BC465e
D2
510
563
CXB1304-0000-
000N0BD265e
80
---
C2
440
486
65e
CXB1304-0000-
000N0HC265e
C4
475
525
CXB1304-0000-
000N0HC465e
5700 K
70
---
C4
475
525
57e
CXB1304-0000-
000N0BC457e
D2
510
563
CXB1304-0000-
000N0BD257e
80
---
C2
440
486
57e
CXB1304-0000-
000N0HC257e
C4
475
525
CXB1304-0000-
000N0HC457e
5000 K
70
---
C4
475
525
50e
CXB1304-0000-
000N0BC450e
D2
510
563
CXB1304-0000-
000N0BD250e
80
---
C2
440
486
50G
CXB1304-0000-
000N0HC250G
50e
CXB1304-0000-
000N0HC250e
C4
475
525
CXB1304-0000-
000N0HC450G
CXB1304-0000-
000N0HC450e
90
92
B4
410
453
50G
CXB1304-0000-
000N0UB450G
C2
440
486
CXB1304-0000-
000N0UC250G
4000 K
70
---
C4
475
525
40e
CXB1304-0000-
000N0BC440e
D2
510
563
CXB1304-0000-
000N0BD240e
80
---
C2
440
486
40H
CXB1304-0000-
000N0HC240H
40G
CXB1304-0000-
000N0HC240G
C4
475
525
CXB1304-0000-
000N0HC440H
CXB1304-0000-
000N0HC440G
90
92
B2
380
420
40H
CXB1304-0000-
000N0UB240H
40G
CXB1304-0000-
000N0UB240G
B4
410
453
CXB1304-0000-
000N0UB440H
CXB1304-0000-
000N0UB440G


Similar Part No. - CXB1304-0000-000N0HC227H

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1304-0000-000N0HC227H CREELED-CXB1304-0000-000N0HC227H Datasheet
3Mb / 34P
   XLamp® CXB1304 LED
REV 9A
More results

Similar Description - CXB1304-0000-000N0HC227H

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com