Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1304-0000-000N0HC230G Datasheet(PDF) 11 Page - Cree, Inc

Part # CXB1304-0000-000N0HC230G
Description  XLamp LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXB1304-0000-000N0HC230G Datasheet(HTML) 11 Page - Cree, Inc

Back Button CXB1304-0000-000N0HC230G Datasheet HTML 7Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 8Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 9Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 10Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 11Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 12Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 13Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 14Page - Cree, Inc CXB1304-0000-000N0HC230G Datasheet HTML 15Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Copyright © 2015-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc.. UL® and the UR logo are registered trademarks of UL LLC.
11
XLamp® CXB1304 LED
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
100
150
200
250
300
350
400
450
500
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
18 V
32
33
34
35
36
37
38
39
40
50
75
100
125
150
175
200
225
250
Current (mA)
Tc = 25 °C
Tc = 55 °C
Tc = 85 °C
Tc = 105 °C
36 V
ELECtriCaL CharaCtEristiCs - ContinuED


Similar Part No. - CXB1304-0000-000N0HC230G

ManufacturerPart #DatasheetDescription
logo
Cree LED
CXB1304-0000-000N0HC230G CREELED-CXB1304-0000-000N0HC230G Datasheet
3Mb / 34P
   XLamp® CXB1304 LED
REV 9A
More results

Similar Description - CXB1304-0000-000N0HC230G

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
CXB1816 CREE-CXB1816 Datasheet
2Mb / 15P
   XLamp LED
CXB3050 CREE-CXB3050 Datasheet
2Mb / 13P
   XLamp LED
CXB3070 CREE-CXB3070 Datasheet
2Mb / 13P
   XLamp LED
CXA1304 CREE-CXA1304 Datasheet
3Mb / 30P
   XLamp LED
CXA1510 CREE-CXA1510 Datasheet
2Mb / 27P
   XLamp LED
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com