Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XHP50B-00-0000-0D0HJ20CB Datasheet(PDF) 6 Page - Cree, Inc

Part # XHP50B-00-0000-0D0HJ20CB
Description  XLamp XHP50.2 LEDs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XHP50B-00-0000-0D0HJ20CB Datasheet(HTML) 6 Page - Cree, Inc

Back Button XHP50B-00-0000-0D0HJ20CB Datasheet HTML 2Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 3Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 4Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 5Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 6Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 7Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 8Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 9Page - Cree, Inc XHP50B-00-0000-0D0HJ20CB Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Notes
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on CRI
measurements. See the Measurements section (page 21).
Cree XLamp XHP50.2 LED order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity bin restrictions specified by the order code.
*
Flux values @ 25 °C are calculated and for reference only.
66
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
6
XLamp® XHp50.2 LED
nominal
CCt
Chromaticity regions
Cri
Minimum Luminous Flux
order Code
Min
typ
Group Flux l(m)
@ 85 °C
Flux (lm)
@ 25 °C*
5700 K
2A, 2B, 2C, 2D
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40E2
J2
1040
1151
XHP50B-00-0000-0D00J20E2
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40E2
J2
1040
1151
XHP50B-00-0000-0D0BJ20E2
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20E2
H4
970
1073
XHP50B-00-0000-0D0HH40e2
90
H2
900
996
XHP50B-00-0000-0D0UH20e2
G4
840
930
XHP50B-00-0000-0D0UG40e2
5000 K
3A, 3B, 3C, 3D
0
68
K2
1200
1328
XHP50B-00-0000-0D00K20E3
J4
1120
1239
XHP50B-00-0000-0D00J40E3
J2
1040
1151
XHP50A-00-0000-0D00J20E3
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40E3
J2
1040
1151
XHP50B-00-0000-0D0BJ20E3
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20E3
H4
970
1073
XHP50B-00-0000-0D0HH40e3
90
H2
900
996
XHP50B-00-0000-0D0UH20e3
G4
840
930
XHP50B-00-0000-0D0UG40e3
4500 K
4A, 4B, 4C, 4D
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40E4
J2
1040
1151
XHP50B-00-0000-0D00J20E4
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40E4
J2
1040
1151
XHP50B-00-0000-0D0BJ20E4
80
J2
1040
1151
XHP50B-00-0000-0D0HJ20E4
H4
970
1073
XHP50B-00-0000-0D0HH40e4
90
H2
900
996
XHP50B-00-0000-0D0UH20e4
G4
840
930
XHP50B-00-0000-0D0UG40e4
4000 K
5A, 5B, 5C, 5D
0
68
J4
1120
1239
XHP50B-00-0000-0D00J40E5
J2
1040
1151
XHP50B-00-0000-0D00J20E5
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40E5
J2
1040
1151
XHP50B-00-0000-0D0BJ20E5
80
H4
970
1073
XHP50B-00-0000-0D0HH40e5
H2
900
996
XHP50B-00-0000-0D0HH20e5
90
H2
900
996
XHP50B-00-0000-0D0UH20e5
G4
840
930
XHP50B-00-0000-0D0UG40e5
3500 K
6A, 6B, 6C, 6D
70
J4
1120
1239
XHP50B-00-0000-0D0BJ40E6
J2
1040
1151
XHP50B-00-0000-0D0BJ20E6
3000 K
7A, 7B, 7C, 7D
70
J2
1040
1151
XHP50B-00-0000-0D0BJ20E7
H4
970
1073
XHP50B-00-0000-0D0BH40e7
FLuX CHArACtEristiCs, Ansi WHitE orDEr CoDEs AnD bins - ContinuED


Similar Part No. - XHP50B-00-0000-0D0HJ20CB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
More results

Similar Description - XHP50B-00-0000-0D0HJ20CB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
   XLamp LEDs
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
   XLamp LEDs
ML-C CREE-ML-C Datasheet
1Mb / 19P
   XLamp LEDs
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
   XLamp XHP70 LEDs
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
   XLamp XHP50 LEDs
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com